Electronic Components Datasheet Search
  English  ▼

X  

UTC7642 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTC7642
Description  ONE CHIP AM RADIO CIRCUIT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC7642 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTC7642 Datasheet HTML 1Page - Unisonic Technologies UTC7642 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC 7642
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R110-015,A
ONE CHIP AM RADIO CIRCUIT
DESCRIPTION
UTC 7642 is suitable for low voltage portable Radio,
cassette system and other wireless AM system. The package
of UTC7642 is TO-92.
FEATURE
*Low operating voltage: Down to VCC=1.3V
*Low Quiescent Current:ICCO=0.2mA
*Low external component required.
TO-92
1
EQUIVALENT CIRCUIT
2
T1
T2
T3
R1
5.6K
Ω
C1
12pF
R2
3.3K
Ω
R5
12K
Ω
R4
12K
Ω
C2
12pF
R3
12K
Ω
R6
12K
Ω
T4
T5
T6
T7
T8
T9
T10
R9
12K
Ω
R7
12K
Ω
R8
12K
Ω
R11
12K
Ω
R10
12K
Ω
C4
23pF
R13
12K
Ω
R12
12K
Ω
R14
74.6
Ω
R15
12K
Ω
3
1
ABSOLUTE MAXIMUM RATINGS (Tested at Ta=25
°C, unless otherwise specified)
PARAMETERS
SYMBOLS
MIN.
MAX.
UNIT
Supply Voltage
VCC
6
V
Operating Temperature
Topr
-10
60
°C
Storage temperature
TSTG
-55
150
°C


Similar Part No. - UTC7642

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC7642 UTC-UTC7642 Datasheet
78Kb / 3P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UTC7642

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5551T PHILIPS-TEA5551T Datasheet
160Kb / 17P
1-chip AM radio
October 1990
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
logo
TEMIC Semiconductors
TDA1083 TEMIC-TDA1083 Datasheet
316Kb / 10P
One Chip AM/FM Radio with Audio Power Amplifier
logo
ATMEL Corporation
TDA1083 ATMEL-TDA1083 Datasheet
299Kb / 8P
One Chip AM/FM Radio with Audio Power Amplifier
logo
STMicroelectronics
TDA7222 STMICROELECTRONICS-TDA7222 Datasheet
289Kb / 7P
3V AM/FM ONE-CHIP RADIO
Feb-1995
logo
Toshiba Semiconductor
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
AM 1 CHIP RADIO
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
FM/AM RADIO CIRCUIT
logo
List of Unclassifed Man...
TA7642 ETC1-TA7642 Datasheet
90Kb / 2P
ONE CHIP AM RADIO CIRCUIT
logo
ARTSCHIP ELECTRONICS CO...
TDA1083 ARTSCHIP-TDA1083 Datasheet
731Kb / 8P
One Chip AM/FM Radio with Audio Power Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com