Electronic Components Datasheet Search
  English  ▼

X  

AN5151 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # AN5151
Description  TV VIF & SIF & DEFLECTION SYSTEM FOR TV LARGE INTEGRATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

AN5151 Datasheet(HTML) 2 Page - Unisonic Technologies

  AN5151 Datasheet HTML 1Page - Unisonic Technologies AN5151 Datasheet HTML 2Page - Unisonic Technologies AN5151 Datasheet HTML 3Page - Unisonic Technologies AN5151 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UTCAN5151
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R111-007,A
ABSOLUTE MAXIMUN RATINGS (Ta=25
°C)
PARAMATER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc1
12
V
Supply Current
I20
85
mA
I16
15
mA
Circuit Voltage
V2,3,4,24
0
V
V8
5.5 ~ 0
V
V13
4.2 ~ 0
V
V17
0
V
Circuit Current
I5,6,11,23,26
+0.3 ~ -10
mAp-p
I19
+0.6 ~ -0.6
mAp-p
I25
+10 ~ 0
mAp-p
I17
+10 ~ -4
mAp-p
Operating Temperature
Topr
-20 to +70
°C
Storage Temperature
Tstg
-40 to 125
°C
Power Dissipation(Ta=70
°C)
P
D1
1100
mW
ELECTRICAL CHARACTERISTICS
(Ta=25
°C,Vcc=10V,Vcc2=9.5V,unless otherwise specified)
PARAMATER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
VIDEO SECTION
Video Det. Output
Vo
m=87.5%
2.0
2.3
2.6
Vp-p
Input Sensitivity
Svi
Vo=-3dB
50
55
dB
µ
Maximum Input
Vmax
Vo>+0dB
105
110
dB
S/N Ratio
S/N
Vi=80dB
µ
51
56
dB
Differential Gain
DG
m=87.5%
4
8
%
Differential Phase
DP
m=87.5%
3
6
°C
Video frequency
Characteristics
Gvf
Vo=-3dB
4.5
6.0
8.0
MHz
Sync. Peak Voltage
Vp
1.9
2.3
2.7
V
Noise inverter output level
VNT
1.0
1.4
1.8
V
Noise inverter capture level
VNI
3.0
4.0
5.0
V
Sound IF Output
Vsif
P/S=20dB
100
104
107
dB
µ
Input Resistor
Rin
f=45.75MHz
0.8
1.0
1.2
k
Ω
Input Capacitor
Cin
f=45.75MHz
3.0
3.4
3.8
pF
Output Resistor
Ro(pin 5)
f=500kHz
30
50
150
Ω
RF AGC Gain
G
RF(AGC)
f=10kHz,V4=5mV
36
42
48
dB
RF AGC Maximum Voltage
V3(max)
8.2
8.8
9.4
V
RF AGC Minimum
Voltage
V3(min)
3.6
4.2
4.8
V
AFT Center Voltage
V2
4.0
5.4
6.0
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com