Electronic Components Datasheet Search
  English  ▼

X  

XS3 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XS3
Description  Round Water-resistant Connectors (M8)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XS3 Datasheet HTML 1Page - Omron Electronics LLC XS3 Datasheet HTML 2Page - Omron Electronics LLC XS3 Datasheet HTML 3Page - Omron Electronics LLC XS3 Datasheet HTML 4Page - Omron Electronics LLC XS3 Datasheet HTML 5Page - Omron Electronics LLC XS3 Datasheet HTML 6Page - Omron Electronics LLC XS3 Datasheet HTML 7Page - Omron Electronics LLC XS3 Datasheet HTML 8Page - Omron Electronics LLC XS3 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
166
Round Water-resistant Connectors (M8)
XS3
Connectors with Cable Attached
■ XS3F - M8 Socket on One Cable End
Dimensions
(Unit: mm)
Wiring Diagram
XS3F-M8PVC
@@@@M PVC Cable
XS3F-M8PUR
@@@@M PUR Cable
(PENDING)
L
31.4
21.5
12.9
30
50
(40: For PUR cable)
5
9 dia.
Straight
L
30
50
(40: For PUR cable)
5
20.5
23.1
9 dia.
Angled
3 Poles
4 Poles
1
3
4
Brown
Blue
Black
Cable lead colors
Contact No.
1
2
3
4
White
Brown
Blue
Black
Cable lead colors
Contact No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com