Electronic Components Datasheet Search
  English  ▼

X  

PSD36 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSD36
Description  Three Phase Rectifier Bridges
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD36 Datasheet(HTML) 1 Page - Powersem GmbH

  PSD36 Datasheet HTML 1Page - Powersem GmbH PSD36 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walperdorfer Str. 53
 2003 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
Three Phase
PSD 36
IdAVM
= 35 A
Rectifier Bridges
VRRM
= 800-1800 V
Preliminary Data Sheet
VRSM
V
VRRM
V
Type
800
800
PSD 36/08
1200
1200
PSD 36/12
1400
1400
PSD 36/14
1600
1600
PSD 36/16
1800
1800
PSD 36/18
Symbol
Test Conditions
Maximum Ratings
IdAVM
TC = 62°C, module
35
A
IFSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
550
A
VR = 0
t = 8.3 ms (60 Hz), sine
600
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
500
A
VR = 0
t = 8.3 ms (60 Hz), sine
550
A
∫∫∫∫ i
2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1520
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1520
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1250
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1250
A
2 s
TVJ
-40 ... + 150
°C
TVJM
150
°C
Tstg
-40 ... + 150
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V ∼
IISOL ≤ 1 mA
t = 1 s
3000
V ∼
Md
Mounting torque
(M5)
2
Nm
(10-32 UNF)
18
lb. in
Weight
typ.
22
g
Symbol
Test Conditions
Characteristic Value
IR
VR = VRRM
TVJ = 25°C
≤
0.3
mA
VR = VRRM
TVJ = TVJM
≤
2.0
mA
VF
IF = 150 A
TVJ = 25°C
≤
1.7
V
VTO
For power-loss calculations only
0.8
V
rT
TVJ = TVJM
7.4
mΩ
RthJC
per diode; DC current
7.5
K/W
per module
1.25
K/W
RthJK
per diode; DC current
8.4
K/W
per module
1.4
K/W
dS
Creeping distance on surface
12.7
mm
dA
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s
2
Features
• Package with ¼” fast-on terminals
• Isolation voltage 3000 V∼
• Planar glasspassivated chips
• Blocking voltage up to 1800 V
• Low forward voltage drop
• UL registered E 148688
Applications
• Supplies for DC power equipment
• Input rectifiers for PWM inverter
• Battery DC power supplies
• Field supply for DC motors
Advantages
• Easy to mount with one screw
• Space and weight savings
• Improved temperature and power
cycling capability
Package, style and outline
Dimensions in mm (1mm = 0.0394”)
~
~
~


Similar Part No. - PSD36

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD36 PROTEC-PSD36 Datasheet
85Kb / 4P
DEVICE CHARACTERISTICS
PSD36 PROTEC-PSD36 Datasheet
75Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD36 PROTEC-PSD36 Datasheet
172Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD36 PROTEC-PSD36 Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
PSD36 PROTEC-PSD36 Datasheet
776Kb / 8P
HIGH POWERED TVS ARRAY
More results

Similar Description - PSD36

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO82 IXYS-VUO82 Datasheet
29Kb / 1P
Three Phase Rectifier Bridges
logo
Powersem GmbH
PSD31 POWERSEM-PSD31 Datasheet
104Kb / 1P
Three Phase Rectifier Bridges
PSD35 POWERSEM-PSD35 Datasheet
153Kb / 2P
Three Phase Rectifier Bridges
PSD41 POWERSEM-PSD41 Datasheet
160Kb / 2P
Three Phase Rectifier Bridges
PSD50 POWERSEM-PSD50 Datasheet
122Kb / 1P
Three Phase Rectifier Bridges
PSD61 POWERSEM-PSD61 Datasheet
162Kb / 2P
Three Phase Rectifier Bridges
PSD62 POWERSEM-PSD62 Datasheet
178Kb / 2P
Three Phase Rectifier Bridges
PSD75 POWERSEM-PSD75 Datasheet
170Kb / 2P
Three Phase Rectifier Bridges
PSD192 POWERSEM-PSD192 Datasheet
203Kb / 2P
Three Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSD25-16 ISC-PSD25-16 Datasheet
339Kb / 3P
Three Phase Rectifier Bridges
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com