Electronic Components Datasheet Search
  English  ▼

X  

PSD82 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSD82
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD82 Datasheet(HTML) 2 Page - Powersem GmbH

  PSD82 Datasheet HTML 1Page - Powersem GmbH PSD82 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Fig.5 Maximum forward current at
case temperature
Fig. 4 Power dissipation versus direct output
current and ambient temperature
Fig. 3
∫i2dt versus time (1-10ms)
per diode (or thyristor)
Fig. 2 Surge overload current per
diode I
FSM: Crest value. t: duration
Fig. 1 Forward current versus
voltage drop per diode
Fig. 6 Transient thermal impedance per diode (or thyristor), calculated
T = 150°C
vj
T = 25°C
vj
2
0.5
1.5
1
V [V]
F
0
I
F
50
100
200
150
[A]
0.01
0.1
1
10
0.5
1
1.5
2
K/W
Zth
t[s]
Z thJK
Z thJC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com