Electronic Components Datasheet Search
  English  ▼

X  

PSD83 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSD83
Description  Three Phase Rectifier Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSD83 Datasheet(HTML) 1 Page - Powersem GmbH

  PSD83 Datasheet HTML 1Page - Powersem GmbH PSD83 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Three Phase
PSD 83
I
dAV
= 100 A
Rectifier Bridge
V
RRM
= 800-1800V
Features
•
Package with screw terminals
•
Isolation voltage 3000 V
∼
•
Planar glass passivated chips
•
Blocking voltage up to 1800 V
•
Low forward voltage drop
•
UL registered E 148688
Applications
•
Supplies for DC power equipment
•
Input rectifier for PWM inverter
•
Battery DC power supplies
•
Field supply for DC motors
Advantages
•
Easy to mount with two screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
Package style and outline
Dimensions in mm (1mm = 0.0394“)
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
800
800 PSD 83/08
1200 1200 PSD 83/12
1400 1400 PSD 83/14
1600 1600 PSD 83/16
1800 1800 PSD 83/18
Preliminary Data Sheet
Symbol
Test Conditions
Maximum Ratings
I
dAVM
T
C = 100 °C,
(per module)
100
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
1200
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1300
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
1000
A
V
R = 0
t = 8.3 ms (60 Hz), sine
1100
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
7200
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
7020
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
5000
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
5020
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 150
°C
V
ISOL
50/60 Hz, RMS t = 1 min
2500
V
∼
I
ISOL ≤ 1 mA
t = 1 s
3000
V
∼
M
d
Mounting torque
(M5)
5
Nm
Terminal connection torque (M5)
5
Nm
Weight
typ.
160
g
I
R
V
R = VRRM, TVJ = 25°C
≤
0.3
mA
V
R = VRRM, TVJ = TVJM
≤
5
mA
V
F
I
F = 100 A,
T
VJ = 25 °C
≤
1.35
V
V
TO
For power-loss calculations only
0.8
V
r
T
5
m
Ω
R
thJC
per diode; DC current
0.58
K/W
per module
0.097
K/W
R
thJK
per diode; DC current
0.825
K/W
per module
0.138
K/W
d
s
Creeping distance on surface
10.0
mm
d
A
Creeping distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s²
Data according to IEC 60747 refer to a single diode unless otherwise stated
Symbol
Test Conditions
Characteristic Value


Similar Part No. - PSD83

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD833212JIT STMICROELECTRONICS-PSD833212JIT Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD833212JT STMICROELECTRONICS-PSD833212JT Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD833212MIT STMICROELECTRONICS-PSD833212MIT Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD833212MT STMICROELECTRONICS-PSD833212MT Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
PSD833215JIT STMICROELECTRONICS-PSD833215JIT Datasheet
1Mb / 103P
Flash In-System Programmable ISP Peripherals For 8-bit MCUs
Jun-2004
More results

Similar Description - PSD83

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
Three Phase Rectifier Bridge
VUO160 IXYS-VUO160 Datasheet
30Kb / 1P
Three Phase Rectifier Bridge
VTO39 IXYS-VTO39 Datasheet
53Kb / 2P
Three Phase Rectifier Bridge
VUO5012N03 IXYS-VUO5012N03 Datasheet
77Kb / 2P
Three Phase Rectifier Bridge
logo
Powersem GmbH
PSD43F06 POWERSEM-PSD43F06 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
PSD43F12 POWERSEM-PSD43F12 Datasheet
160Kb / 1P
Three Phase Rectifier Bridge
logo
IXYS Corporation
VUO25-08NO8 IXYS-VUO25-08NO8 Datasheet
145Kb / 2P
Three Phase Rectifier Bridge
logo
Solid States Devices, I...
RA0036A SSDI-RA0036A Datasheet
100Kb / 1P
THREE PHASE BRIDGE RECTIFIER
RA0082 SSDI-RA0082 Datasheet
147Kb / 1P
THREE PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VUO122-18NO7 IXYS-VUO122-18NO7 Datasheet
106Kb / 1P
Three Phase Rectifier Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com