Electronic Components Datasheet Search
  English  ▼

X  

UTCKA7524 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCKA7524
Description  POWER FACTOR CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCKA7524 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCKA7524 Datasheet HTML 1Page - Unisonic Technologies UTCKA7524 Datasheet HTML 2Page - Unisonic Technologies UTCKA7524 Datasheet HTML 3Page - Unisonic Technologies UTCKA7524 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTCKA7524
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R114-001,A
APPLICATION CIRCUIT
H
N
F.G
5
7
2
1
4
8
3
6
2A
TNR
C1
L1
R3
C2
C4
C3
NTC
R1
R4
D1
R5
C5
T1
Q1
D2
R6
R7
R8
R9
R10
R11
R12
VR1
C6 C7
R2
C10
C11
T2
DIAC
D9
Q2
D6
D4
R19
D8
C15
C13
C12
D7
C14
L2
L3
D5
Q3
D3
R17
R16
T2
R14
BDI
R18
T2
C9
C8
R13
PART LIST
Resistor
R16
5.1
Ω
C10
47
µF/450V
D6
FR107
R1
1.8M
R17
27
Ω
C11
0.1
µF
D7
FR107
R2
10K
R18
5.1
Ω
C12
3300pF
D8
FR107
R3
100K
R19
27
Ω
C13
3300pF
BD1
PBP204
R4
3.3
¦ ¸
VR1
5K
C14
0.01
µF
TNR
12G471
R5
22K
NTC
10
Ω
C15
0.01
µF
DIAIC
32V
Capacitor
Semiconductor
Magnetics
R7
2.2K
C1
0.1
µF
IC1
UTC KA7524
T1
E1-25(PC30):P=70T
R8
2.2M
C2
0.1
µF
Q1
IRF830
S=4T,Gap=0.5mm
R9
150K
C3
4700pF
Q2
2SC5039
T2
D15(GP-5):
R10
330
¦ ¸
C4
4700pF
Q3
2SC5039
P=3T,S=13T
R11
0.75
¦ ¸
C5
0.1
µF
D1
1N4004
L1
EE-25(Iron Power)
R12
5.1K
C6
0.01
µF
D2
1N4937
80mH
R13
1M
C7
100
µF
D3
1N4148
L2
EI-25(PC30):
R14
390K
C8
0.1
µF
D4
1N4148
150T,Gap=0.4mm
R15
3.9M
C9
3300pF
D5
FR107



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com