Electronic Components Datasheet Search
  English  ▼

X  

KA7524 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # KA7524
Description  POWER FACTOR CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

KA7524 Datasheet(HTML) 1 Page - Unisonic Technologies

  KA7524 Datasheet HTML 1Page - Unisonic Technologies KA7524 Datasheet HTML 2Page - Unisonic Technologies KA7524 Datasheet HTML 3Page - Unisonic Technologies KA7524 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCKA7524
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R114-001,A
POWER FACTOR CONTROLLER
DESCRIPTION
The UTC KA7524 provides the necessary features to
implement the Electronic BALLAST control and S.M.P.S
application for designing active power factor correction circuit
FEATURES
*Internal self-starting
*Micro power start up mode
*Included under voltage lockout circuit
*Internal 1% reference
*High output current: peak 500mA
DIP-8
BLOCK DIAGRAM


Similar Part No. - KA7524

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
Power Factor Correction Controller
KA7524BD FAIRCHILD-KA7524BD Datasheet
60Kb / 10P
Power Factor Correction Controller
More results

Similar Description - KA7524

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
POWER FACTOR CONTROLLER
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
Power Factor Controller
January, 2007 ??Rev. 2
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
Power Factor Controller
October, 2005 ??Rev. 10
logo
Fairchild Semiconductor
SG6961 FAIRCHILD-SG6961 Datasheet
576Kb / 14P
Power Factor Controller
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
POWER FACTOR CONTROLLER
UA7524 UTC-UA7524 Datasheet
204Kb / 5P
POWER FACTOR CONTROLLER
logo
Linear Technology
LT1249 LINER-LT1249_15 Datasheet
203Kb / 12P
Power Factor Controller
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
Power Factor Controller
March, 2015 ??Rev. 13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com