Electronic Components Datasheet Search
  English  ▼

X  

PSDH110 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSDH110
Description  Three Phase Half Controlled Bridges
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSDH110 Datasheet(HTML) 1 Page - Powersem GmbH

  PSDH110 Datasheet HTML 1Page - Powersem GmbH PSDH110 Datasheet HTML 2Page - Powersem GmbH PSDH110 Datasheet HTML 3Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
 2003 POWERSEM reserves the right to change limits, test conditions and dimensions
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
Three Phase
PSDH 110
IdAV
= 110 A
Half Controlled Bridges
VRRM
= 400-1600 V
Preliminary Data Sheet
VRSM
VDSM
VRRM
VDRM
Type
500
400
PSDH 110/04
900
800
PSDH 110/08
1300
1200
PSDH 110/12
1500
1400
PSDH 110/14
*1700
*1600
PSDH 110/16
* Delivery on request
Symbo Test Conditions
Maximum Ratings
IdAV
TC = 85 °C
per module
110
A
ITSM, IFSM TVJ = 45°C
t = 10 ms
(50 Hz), sine
1150
A
VR = 0
t = 8.3 ms (60 Hz), sine
1230
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1000
A
VR = 0
t = 8.3 ms (60 Hz), sine
1070
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
6600
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
6280
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
5000
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
4750
A
2 s
(di/dt)cr
TVJ = TJVM
repetitive, IT = 50 A
150
A/
µs
f = 400Hz, tP = 200µs
VD = 2/3 VDRM
IG = 0.3 A
non repetitive, IT = 1/3
. IdAV
500
A/
µs
diG/dt = 0.3 A/µs
(dv/dt)cr TVJ = TVJM
VDR = 2/3 VDRM
1000
V/
µs
RGK = ∞, method 1 (linear voltage rise)
PGM
TVJ = TVJM
tP = 30µs
10
W
IT = ITAVM
tP = 500µs
5
W
PGAVM
0.5
W
VRGM
10
V
TVJ
-40 ... + 125
°C
TVJM
125
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
IISOL ≤ 1 mA
t = 1 s
3000
V
Md
Mounting torque
(M6)
5
Nm
Terminal connection torque
(M6)
5
Nm
Weight
typ.
270
g
Features
Package with screw terminals
Isolation voltage 3000 V∼
Planar glasspassivated chips
Low forward voltage drop
UL registered, E 148688
Applications
Heat and temperature control for
industrial furnaces and chemical
processes
Lighting control
Motor control
Power converter
Advantages
Easy to mount with two screws
Space and weight savings
Improved temperature and power
cycling capability
High power density
Package, style and outline
Dimensions in mm (1mm = 0.0394“)
~
~
~


Similar Part No. - PSDH110

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSDH175 POWERSEM-PSDH175 Datasheet
187Kb / 3P
Three Phase Half Controlled Bridges
logo
Inchange Semiconductor ...
PSDH175 ISC-PSDH175 Datasheet
340Kb / 3P
Three Phase Half Controlled Bridges
More results

Similar Description - PSDH110

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSBH50 POWERSEM-PSBH50 Datasheet
182Kb / 3P
Single Phase Half Controlled Bridges
PSBZ50 POWERSEM-PSBZ50 Datasheet
182Kb / 3P
Single Phase Half Controlled Bridges
PSBZ75 POWERSEM-PSBZ75 Datasheet
203Kb / 3P
Single Phase Half Controlled Bridges
PSBZ125 POWERSEM-PSBZ125 Datasheet
209Kb / 3P
Single Phase Half Controlled Bridges
PSDH70 POWERSEM-PSDH70 Datasheet
171Kb / 3P
Three Phase Half Controlled Bridges
PSDH75 POWERSEM-PSDH75 Datasheet
185Kb / 3P
Three Phase Half Controlled Bridges
PSDH90 POWERSEM-PSDH90 Datasheet
203Kb / 3P
Three Phase Half Controlled Bridges
PSDH175 POWERSEM-PSDH175 Datasheet
187Kb / 3P
Three Phase Half Controlled Bridges
PSFH70 POWERSEM-PSFH70 Datasheet
171Kb / 3P
Three Phase Half Controlled Bridges with freewheeling diode
logo
Inchange Semiconductor ...
PSDH175 ISC-PSDH175 Datasheet
340Kb / 3P
Three Phase Half Controlled Bridges
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com