Electronic Components Datasheet Search
  English  ▼

X  

PSKT44 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSKT44
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKT44 Datasheet(HTML) 2 Page - Powersem GmbH

  PSKT44 Datasheet HTML 1Page - Powersem GmbH PSKT44 Datasheet HTML 2Page - Powersem GmbH PSKT44 Datasheet HTML 3Page - Powersem GmbH PSKT44 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2003 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Values
I
RRM, IDRM
T
VJ = TVJM; VR = VRRM; VD = VDRM
5mA
V
T, VF
I
T, IF = 200 A; TVJ = 25°C
1.75
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.85
V
r
T
5.3
m
Ω
V
GT
V
D = 6 V;
T
VJ = 25°C
1.5
V
T
VJ = -40°C
1.6
V
I
GT
V
D = 6 V;
T
VJ = 25°C
100
mA
T
VJ = -40°C
200
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
0.2
V
I
GD
10
mA
I
L
T
VJ = 25°C; tP = 10 µs, VD = 6 V
450
mA
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞
200
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
2µs
I
G = 0.45 A; diG/dt = 0.45 A/µs
t
q
T
VJ = TVJM; IT = 120 A, tP = 200 µs; -di/dt = 10 A/µs
typ.
150
µs
V
R = 100 V; dv/dt = 20 V/µs; VD = 2/3 VDRM
Q
S
T
VJ = TVJM; IT, IF = 50 A, -di/dt = 0.64 A/µs
90
µC
I
RM
11
A
R
thJC
per thyristor/diode; DC current
0.53
K/W
per module
other values
0.265
K/W
R
thJK
per thyristor/diode; DC current
see Fig. 8/9
0.73
K/W
per module
0.365
K/W
d
S
Creepage distance on surface
12.7
m m
d
A
Strike distance through air
9.6
m m
a
Maximum allowable acceleration
50
m/s2
Dimensions in mm (1 mm = 0.0394")
PSKT Version 1
PSKT Version 8
PSKH Version 8
10
100
1000
1
10
100
1000
100
101
102
103
104
0.1
1
10
IG
VG
mA
mA
IG
1: IGT, TVJ = 125°C
2: IGT, TVJ = 25°C
3: IGT, TVJ = -40°C
µs
tgd
V
4: PGAV = 0.5 W
5: PGM = 5 W
6: PGM = 10 W
IGD, TVJ = 125°C
3
4
2
1
5
6
Limit
typ.
TVJ = 25°C
Fig. 1 Gate trigger characteristics
Fig. 2 Gate trigger delay time



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com