Electronic Components Datasheet Search
  English  ▼

X  

PSUT50 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSUT50
Description  Three Phase AC Controller Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSUT50 Datasheet(HTML) 1 Page - Powersem GmbH

  PSUT50 Datasheet HTML 1Page - Powersem GmbH PSUT50 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Three Phase
PSUT 50
IRMS
= 3 x 50A
AC Controller Modules
VRRM
= 400-1600 V
Preliminary Data Sheet
VRSM
VDSM
VRRM
VDRM
Type
500
400
PSUT 50/04
900
800
PSUT 50/08
1300
1200
PSUT 50/12
1500
1400
PSUT 50/14
*1700
*1600
PSUT 50/16
* Delivery on request
Symbol Test Conditions
Maximum Ratings
IRMS
TC = 85 °C, 50-400 Hz (per phase)
50
A
ITRMS
TVJ = TVJM
36
A
ITAVM
TC = 85 °C
180° sine
23
A
ITSM
TVJ = 45°C
t = 10 ms
(50 Hz), sine
520
A
VR = 0
t = 8.3 ms (60 Hz), sine
560
A
TVJ = TVJM
t = 10 ms
(50 Hz), sine
460
A
VR = 0
t = 8.3 ms (60 Hz), sine
500
A
∫ i2 dt
TVJ = 45°C
t = 10 ms
(50 Hz), sine
1350
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1320
A
2 s
TVJ = TVJM
t = 10 ms
(50 Hz), sine
1060
A
2 s
VR = 0
t = 8.3 ms (60 Hz), sine
1050
A
2 s
(di/dt)cr
TVJ = TJVM
repetitive, IT = 150 A
100
A/
µs
f = 50Hz, tP = 200µs
VD = 2/3 VDRM
IG = 0.3 A
non repetitive, IT = ITAVM
500
A/
µs
diG/dt = 0.3 A/µs
(dv/dt)cr
TVJ = TVJM
VDR = 2/3 VDRM
1000
V/
µs
RGK = ∞, method 1 (linear voltage rise)
PGM
TVJ = TVJM
tP = 30µs
10
W
IT = ITAVM
tP = 300µs
5
W
PGAVM
0.5
W
VRGM
10
V
TVJ
-40 ... + 125
°C
TVJM
125
°C
Tstg
-40 ... + 125
°C
VISOL
50/60 HZ, RMS
t = 1 min
2500
V
∼
IISOL ≤ 1 mA
t = 1 s
3000
V
∼
Md
Mounting torque
(M5)
5
Nm
Terminal connection torque
(M3)
(M5)
1.5
5
Nm
Nm
Weight
typ.
220
g
Features
• Thyristor controller for AC (circuit
W3C acc. to IEC) for mains
frequency
• Isolation voltage 3000 V∼
• Planar glasspassivated chips
• Package with metal base plate
• UL registered E 148688
Applications
• Switching and control of three
phase AC circuits
• Light and temperature control
• Softstart AC motor controller
• Solid state switches
Advantages
• Easy to mount with two screws
• Space and weight savings
• Improved temperature and power
cycling capability
• High power density
Package, stil and outline
Dimensions in mm (1mm = 0.0394“)


Similar Part No. - PSUT50

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSUT115 POWERSEM-PSUT115 Datasheet
279Kb / 3P
Three Phase AC Controller Modules
PSUT130 POWERSEM-PSUT130 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT13008 POWERSEM-PSUT13008 Datasheet
330Kb / 2P
Three Phase AC Controller Modules
PSUT13012 POWERSEM-PSUT13012 Datasheet
330Kb / 2P
Three Phase AC Controller Modules
PSUT13014 POWERSEM-PSUT13014 Datasheet
330Kb / 2P
Three Phase AC Controller Modules
More results

Similar Description - PSUT50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VWO50 IXYS-VWO50 Datasheet
47Kb / 2P
Three Phase AC Controller Modules
VWO40 IXYS-VWO40 Datasheet
47Kb / 2P
Three Phase AC Controller Modules
VWO140 IXYS-VWO140 Datasheet
92Kb / 2P
Three Phase AC Controller Modules
logo
Powersem GmbH
PSUH50 POWERSEM-PSUH50 Datasheet
135Kb / 2P
Three Phase AC Controller Modules
PSUH95 POWERSEM-PSUH95 Datasheet
133Kb / 2P
Three Phase AC Controller Modules
PSUT36 POWERSEM-PSUT36 Datasheet
119Kb / 2P
Three Phase AC Controller Modules
PSUT90 POWERSEM-PSUT90 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT230 POWERSEM-PSUT230 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
PSUT65PSUH65 POWERSEM-PSUT65PSUH65 Datasheet
868Kb / 2P
Three Phase AC Controller Modules
PSUT230PSUH230 POWERSEM-PSUT230PSUH230 Datasheet
325Kb / 2P
Three Phase AC Controller Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com