Electronic Components Datasheet Search
  English  ▼

X  

UTCLM7805 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCLM7805
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM7805 Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCLM7805 Datasheet HTML 1Page - Unisonic Technologies UTCLM7805 Datasheet HTML 2Page - Unisonic Technologies UTCLM7805 Datasheet HTML 3Page - Unisonic Technologies UTCLM7805 Datasheet HTML 4Page - Unisonic Technologies UTCLM7805 Datasheet HTML 5Page - Unisonic Technologies UTCLM7805 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UTCLM78XX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R101-006,C
UTC LM7815 ELECTRICAL CHARACTERISTICS
( VI=23V, Io=0.5A, Tj= 0
°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C, IO=5mA - 1.0A
14.40 15.0
15.60
V
Output Voltage
Vo
VI =17.5V to 30V,
IO=5mA - 1.0A,PD<15W
14.25
15.75
V
Load Regulation
∆Vo
Tj=25
°C,IO=5mA - 1.5A
150
mV
Tj=25
°C,IO=0.25A - 0.75A
75
mV
Line regulation
∆Vo
VI =18.5V to 30V,Tj=25
°C
150
mV
VI =17.7V to 30V,
Tj=25
°C, IO =1A
150
mV
Quiescent Current
Iq
Tj=25
°C, IO=<1A
8.0
mA
Quiescent Current Change
∆Iq
VI =17.5V to 30V
1.0
mA
∆Iq
IO=5mA - 1.0A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
90
µV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-1.8
mV/
°C
Ripple Rejection
RR
VI =18.5V to 28.5V
f=120Hz,Tj=25
°C
54
70
dB
Peak Output Current
IPK
Tj=25
°C
1.8
A
Short-Circuit Current
ISC
VI=35V, Tj=25
°C
250
mA
Dropout Voltage
Vd
Tj=25
°C
2.0
V
UTC LM7818 ELECTRICAL CHARACTERISTICS
( VI=27V, Io=0.5A, Tj= 0
°C - 125°C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C, IO=5mA - 1.0A
17.28 18.0
18.72
V
Output Voltage
Vo
VI =21V to 33V,IO=5mA - 1.0A 17.10
18.90
V
Load Regulation
∆Vo
Tj=25
°C,IO=5mA - 1.5A
180
mV
Tj=25
°C,IO=0.25A - 0.75A
90
mV
Line regulation
∆Vo
VI =21V to 33V,Tj=25
°C
180
mV
VI =21V to 33V,
Tj=25
°C, IO =<1A,PD<15W
180
mV
Quiescent Current
Iq
Tj=25
°C, IO=<1A
8.0
mA
Quiescent Current Change
∆Iq
VI =21.5V to 33V
1.0
mA
∆Iq
IO=5mA - 1.0A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
110
µV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-2.2
mV/
°C
Ripple Rejection
RR
VI =22V - 32V,f=120Hz,Tj=25
°C
53
69
dB
Peak Output Current
IPK
Tj=25
°C
1.8
A
Short-Circuit Current
ISC
VI=35V, Tj=25
°C
250
mA
Dropout Voltage
Vd
Tj=25
°C
2.0
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com