Electronic Components Datasheet Search
  English  ▼

X  

PSB71F Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSB71F
Description  Single Phase Rectifier Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSB71F Datasheet(HTML) 1 Page - Powersem GmbH

  PSB71F Datasheet HTML 1Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Single Phase
PSB 71F
I
dAV
= 59 A
Rectifier Bridge
V
RRM
= 800 - 1200 V
with fast Recovery Epitaxial Diode (FRED)
trr
= 40 ns
Preliminary Data Sheet
Features
•
Package with DCB ceramic base plate
•
Isolation voltage 3000 V
∼
•
Planar glass passivated chips
•
Low forward voltage drop
•
Leads suitable for PC board
soldering
•
UL registered, E 148688
Applications
•
Supplies for DC power equipment
•
Input and output rectifier for high
frequency
•
Battery DC power supplies
•
Field supply for DC motors
Advantages
•
Easy to mount with two screws
•
Space and weight savings
•
Improved temperature and power
cycling capability
•
High power density
•
Small and light weight
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Data according to IEC 60747 refer to a single diode unless otherwise stated
*- for resistive load at bridge output
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
ECO-PACTM 1
2005 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Maximum Ratings
I*
dAV
T
C = 85 °C,
(per module)
59
A
I
dAVM
90
A
I
FSM
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
200
A
V
R = 0
t = 8.3 ms (60 Hz), sine
220
A
T
VJ = TVJM
t = 10 ms (50 Hz), sine
170
A
V
R = 0
t = 8.3 ms (60 Hz), sine
190
A
∫∫∫∫∫ i2 dt
T
VJ = 45 °C
t = 10 ms (50 Hz), sine
200
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
205
A²s
T
VJ = TVJM
t = 10 ms (50 Hz), sine
145
A²s
V
R = 0
t = 8.3 ms (60 Hz), sine
150
A²s
T
VJ
-40... + 150
°C
T
VJM
150
°C
T
stg
-40... + 125
°C
V
ISOL
50/60 Hz, RMS t = 1 min
3000
V
∼
I
ISOL ≤ 1 mA
t = 1 s
3600
V
∼
M
d
Mounting torque
(M4)
1.5 - 1.8
Nm
14 - 16
lb.in.
Weight
typ.
16
g
Symbol
Test Conditions
Characteristic Value
I
R
V
R = VRRM, TVJ = TVJM
≤
1.0
mA
V
R = VRRM, TVJ = 25°C
≤
0.25
mA
V
F
I
F = 30 A,
T
VJ = 25 °C
≤
2.71
V
V
TO
For power-loss calculations only
1.31
V
r
T
15
m
Ω
R
thJC
per diode; DC
0.9
K/W
per module
0.23
K/W
R
thJK
per diode; DC
1.2
K/W
per module
0.3
K/W
I
RM
I
F=50A; -diF/dt=100A/µs; VR=100V
typ. 6
A
L
=0.05 mH; T
VJ= 100°C
t
rr
I
F=1A; -diF/dt=200A/µs; VR=30V;
typ. 40
ns
T
VJ= 25°C
d
s
Creeping distance on surface
11.2
mm
d
A
Creeping distance in air
9.7
mm
a
Max. allowable acceleration
50
m/s²
~
A
K
~N
-
+
V
RSM
V
RRM
Type
V
DSM
V
DRM
(V)
(V)
800
800 PSB 71F/08
1200 1200 PSB 71F/12


Similar Part No. - PSB71F

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB71F POWERSEM-PSB71F Datasheet
158Kb / 1P
Single Phase Rectifier Bridge
PSB71F-06 POWERSEM-PSB71F-06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge
PSB71F04 POWERSEM-PSB71F04 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
PSB71F06 POWERSEM-PSB71F06 Datasheet
158Kb / 1P
Single Phase Rectifier Bridge with fast Recovery Epitaxial Diode (FRED)
PSB71F08 POWERSEM-PSB71F08 Datasheet
158Kb / 1P
Single PhaseRectifier Bridge with fast Recovery Epitaxial Diode (FRED)
More results

Similar Description - PSB71F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com