Electronic Components Datasheet Search
  English  ▼

X  

PSBI9/06 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSBI9/06
Description  Rectifier Module for Power Factor Correction
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSBI9/06 Datasheet(HTML) 2 Page - Powersem GmbH

  PSBI9/06 Datasheet HTML 1Page - Powersem GmbH PSBI9/06 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSBI 9/06
Symbol
Test Conditions
Characteristic Value
typ.
max.
ICES
VCE = VCES, VGE = 0 V,
TVJ = 25°C
0.04
mA
TVJ = 125°C
1
mA
IGES
VCE = 0 V, VGE = ±20 V
100
nA
VCE(sat)
IC = 10A, VGE = 15 V
TVJ = 25°C
1.5
1.8
V
TVJ = 125°C
1.6
V
VGE(th)
IC = 1mA, VGE = VCE
min. 3
5
V
td(on)
30
ns
tr
Inductive load, TVJ = 125°C
50
ns
td(off)
VCE = 400 V, IC = 10A
320
ns
tf
RG = 10 Ω, VGE = ±15 V
70
ns
Eon
0.60
mJ
Eoff
0.31
mJ
Cies
VCE = 25 V, VGE = 0 V, f= 1 MHz
1600
pF
QGon
VCE = 480 V, VGE = 15 V, IC = 10A
140
nC
RthJC
0.96
K/W
RthJS
with heat transfer paste
tbd
K/W
Package style and outline
Dimensions in mm (1mm = 0.0394“)
Chopper D
Symbol
Test Conditions
Maximum Ratings
VRRM
600
V
IF25
TC = 25°C;
180° sine
35
A
IF80
TC = 80°C;
180° sine
22
A
Symbol
Test Conditions
Characteristic Value
typ.
max.
IR
VR = VRRM, TVJ = 25°C
0.1
mA
TVJ = 125°C
0.1
mA
VF
IF = 10A,
TVJ = 25°C
2.2
3.2
V
TVJ = 125°C
2.4
V
IRM
IF = 10A, -diF/dt = 400 A/µs, TVJ = 125°C
tbd
A
trr
VR = 400 V
tbd
µs
RthJC
1.15
K/W
RthJS
with heat transfer paste
tbd
K/W
Module
Symbol
Test Conditions
Maximum Ratings
TVJ
-40...+150
°C
Tstg
-40...+125
°C
VISOL
IISOL ≤ 1 mA, 50/60 Hz, t= 1 min
3000
V~
MD
Mounting torque (M4)
1.5-1.8
Nm
Symbol
Test Conditions
Characteristic Value
typ.
min.
dS, dA
pin to heatsink
11.2
mm
Weight
16
g
POWERSEM GmbH, Walpersdorfer Str. 53
91126 D- Schwabach
Phone: 09122 - 9764-0 Fax.: 09122 - 9764-20
 2005 POWERSEM reserves the right to change limits, test conditions and dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com