Electronic Components Datasheet Search
  English  ▼

X  

UTCMC34018 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UTCMC34018
Description  VOICE SWITCHED SPEAKER-PHONE CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCMC34018 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UTCMC34018 Datasheet HTML 6Page - Unisonic Technologies UTCMC34018 Datasheet HTML 7Page - Unisonic Technologies UTCMC34018 Datasheet HTML 8Page - Unisonic Technologies UTCMC34018 Datasheet HTML 9Page - Unisonic Technologies UTCMC34018 Datasheet HTML 10Page - Unisonic Technologies UTCMC34018 Datasheet HTML 11Page - Unisonic Technologies UTCMC34018 Datasheet HTML 12Page - Unisonic Technologies UTCMC34018 Datasheet HTML 13Page - Unisonic Technologies UTCMC34018 Datasheet HTML 14Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
UTCMC34018 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 13
QW-R108-006,A
0
50
100
150
250
200
0
100
200
300
400
500
VMCO(mVrms)
Fig 10 Response At CP1 and CP2
DVCP1
DVCP2
Fig 12 Supply Current vs Supply Voltage
V+(Volts)
4.0
5.0
6.0
7.0
8.0
9.0
10
11
1.0
2.0
5.0
6.0
4.0
7.0
8.0
3.0
0.0
3.0
9.0
CS=0
CS=1
VSKO=0mVrms
V+(Volts)
4.0
5.0
6.0
7.0
8.0
9.0
10
11
3.0
10
15
20
25
30
35
100mW
80mW
50mW
20mW
10mW
5mW
Fig 13 Supply Current vs Supply Voltage vs
Speaker Power
Fig 15 Supply Current vs Supply Voltage
5.0
6.0
7.0
8.0
5
15
20
25
4.0
3.0
0
10
Vs(Volts)
Available
operating Range
18
20
16
22
VS
(Regulated Supply)
UTC
MC34018
100 mF
Fig 14 Alternate Power supply Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com