Electronic Components Datasheet Search
  English  ▼

X  

HT46R01M Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R01M
Description  1.5V Battery 8-Bit OTP MCU
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01M Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R01M Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R01M Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
System Clock
3V
¾
32
¾
4000
kHz
3V
¾
32
¾
8000
kHz
fHIRC
System Clock
(HIRC)
3V
Ta=25
°C
-2%
4
+2%
MHz
3V
Ta=25
°C
-2%
8
+2%
MHz
3V
Ta=0~70
°C
-5%
4
+5%
MHz
3V
Ta=0~70
°C
-5%
8
+5%
MHz
fERC
System Clock
(ERC)
3V
Ta=25
°C, R=120kW *
-2%
4
+2%
MHz
3V
Ta=0~70
°C, R=120kW *
-5%
4
+5%
MHz
3V
Ta=
-40°C~85°C,
R=120k
W *
-7%
4
+7%
MHz
fLXT
System Clock (LXT)
¾¾¾
32768
¾
Hz
fTIMER
Timer Input Frequency
(TCn)
3V
¾
0
¾
8000
kHz
fLIRC
LIRC Oscillator
3V
¾
5
10
15
kHz
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
tSST
System Start-up time Period
¾
For HXT/LXT
¾
1024
¾
tSYS
For ERC/IRC
(By configuration option)
¾
2
¾
tSYS
¾
1024
¾
tSYS
tINT
Interrupt Pulse Width
¾¾
1
¾¾
ms
tLVR
Low Voltage Width to Reset
¾¾
0.25
1
2
ms
tRSTD
Reset Delay Time
¾¾¾
100
¾
ms
Note:
1. tSYS=1/fSYS
2. *For fERC, as the resistor tolerance will influence the frequency a precision resistor is recommended.
HT46R01M/HT46R02M/HT48R01M/HT48R02M
Rev. 1.00
6
December 18, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com