Electronic Components Datasheet Search
  English  ▼

X  

UTCLM7824 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UTCLM7824
Description  3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM7824 Datasheet(HTML) 6 Page - Unisonic Technologies

  UTCLM7824 Datasheet HTML 1Page - Unisonic Technologies UTCLM7824 Datasheet HTML 2Page - Unisonic Technologies UTCLM7824 Datasheet HTML 3Page - Unisonic Technologies UTCLM7824 Datasheet HTML 4Page - Unisonic Technologies UTCLM7824 Datasheet HTML 5Page - Unisonic Technologies UTCLM7824 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UTCLM78XX
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R101-006,C
UTC LM7824 ELECTRICAL CHARACTERISTICS
( VI=33V, Io=0.5A, Tj= 0
°C - 12°C, C1=0.33uF, Co=0.1uF, unless otherwise specified )(Note 1)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Tj=25
°C, IO=5mA - 1.0A
23.04 24.0
24.96
V
Output Voltage
Vo
VI =27V to 38V,IO=5mA - 1.0A 22.80
25.20
V
Load Regulation
∆Vo
Tj=25
°C,IO=5mA - 1.5A
240
mV
Tj=25
°C,IO=0.25A - 0.75A
120
mV
Line regulation
∆Vo
VI =27V to 38V,Tj=25
°C
240
mV
VI =27V to 38V,Tj=25
°C,Io=1A
240
mV
Quiescent Current
Iq
Tj=25
°C, IO=<1A
8.0
mA
Quiescent Current Change
∆Iq
VI =28V to 38V
1.0
mA
∆Iq
IO=5mA - 1.0A
0.5
mA
Output Noise Voltage
VN
10Hz<=f<=100kHz
170
µV
Temperature coefficient of Vo
∆Vo/∆T
Io=5mA
-2.8
mV/
°C
Ripple Rejection
RR
VI =28V - 38V,f=120Hz,Tj=25
°C
50
66
dB
Peak Output Current
IPK
Tj=25
°C
1.8
A
Short-Circuit Current
ISC
VI=35V, Tj=25
°C
250
mA
Dropout Voltage
Vd
Tj=25
°C
2.0
V
Note 1: The Maximum steady state usable output current are dependent on input voltage, heat sinking, lead length
of the package and copper pattern of PCB. The data above represents pulse test conditions with junction
temperatures specified at the initiation of test.
Note 2:
Power dissipation<0.5W
APPLICATION CIRCUIT
UTC LM78XX
3
2
1
C0
0.1
µF
C1
0.33
µF
Vi
Vo
Note 1: To specify an output voltage, substitute voltage value for "XX".
Note 2: Bypass capacitors are recommended for optimum stability and transient response and should be located as
close as possible to the regulators.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com