Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 81 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 81 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 77Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 78Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 79Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 80Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 81Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 82Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 83Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 84Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 85Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev.1.10
81
February 1, 2010
¨ HT68F40/HT68F50/HT68F60
Bit
76543210
Name
T1ACP0
T1BCP2
T1BCP1
T1BCP0
¾¾
T0CP1
T0CP0
R/W
R/W
R/W
R/W
R/W
¾¾
R/W
R/W
POR
1001
¾¾
01
Bit 7
T1ACP0: TP1A pin Control
0: disable
1: enable
Bit 6
T1BCP2: TP1B_2 pin Control
0: disable
1: enable
Bit 5
T1BCP1: TP1B_1 pin Control
0: disable
1: enable
Bit 4
T1BCP0: TP1B_0 pin Control
0: disable
1: enable
Bit 3~2
Unimplemented, read as
²0²
Bit 1
T0CP1: TP0_1 pin Control
0: disable
1: enable
Bit 0
T0CP0: TP0_0 pin Control
0: disable
1: enable
· TMPC1 Register
¨ HT68F40
Bit
76543210
Name
¾¾¾¾¾¾
T2CP1
T2CP0
R/W
¾¾¾¾¾¾
R/W
R/W
POR
¾¾¾¾¾¾
01
Bit 7~2
Unimplemented, read as
²0²
Bit 1
T2CP1: TP2_1 pin Control
0: disable
1: enable
Bit 0
T2CP0: TP2_0 pin Control
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com