Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 156 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 156 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 152Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 153Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 154Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 155Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 156Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 157Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 158Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 159Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 160Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.10
156
February 1, 2010
· MFI3 Register
¨ HT68F50/HT68F60
Bit
76543210
Name
¾¾
T3AF
T3PF
¾¾
T3AE
T3PE
R/W
¾¾
R/W
R/W
¾¾
R/W
R/W
POR
¾¾
00
¾¾
00
Bit 7~6
unimplemented, read as
²0²
Bit 5
T3AF: TM3 Comparator A match interrupt request flag
0: no request
1: interrupt request
Bit 4
T3PF: TM3 Comparator P match interrupt request flag
0: no request
1: interrupt request
Bit 3~2
unimplemented, read as
²0²
Bit 1
T3AE: TM3 Comparator A match interrupt control
0: disable
1: enable
Bit 0
T3PE: TM3 Comparator P match interrupt control
0: disable
1: enable
Interrupt Operation
When the conditions for an interrupt event occur, such
as a TM Comparator P, Comparator A or Comparator B
match etc, the relevant interrupt request flag will be set.
Whether the request flag actually generates a program
jump to the relevant interrupt vector is determined by the
condition of the interrupt enable bit. If the enable bit is
set high then the program will jump to its relevant vector;
if the enable bit is zero then although the interrupt re-
quest flag is set an actual interrupt will not be generated
and the program will not jump to the relevant interrupt
vector. The global interrupt enable bit, if cleared to zero,
will disable all interrupts.
When an interrupt is generated, the Program Counter,
which stores the address of the next instruction to be ex-
ecuted, will be transferred onto the stack. The Program
Counter will then be loaded with a new address which
will be the value of the corresponding interrupt vector.
The microcontroller will then fetch its next instruction
from this interrupt vector. The instruction at this vector
will usually be a
²JMP² which will jump to another sec-
tion of program which is known as the interrupt service
routine. Here is located the code to control the appropri-
ate interrupt. The interrupt service routine must be ter-
minated with a
²RETI², which retrieves the original
Program Counter address from the stack and allows the
microcontroller to continue with normal execution at the
point where the interrupt occurred.
The various interrupt enable bits, together with their as-
sociated request flags, are shown in the accompanying
diagrams with their order of priority. Some interrupt
sources have their own individual vector while others
share the same multi-function interrupt vector. Once an
interrupt subroutine is serviced, all the other interrupts
will be blocked, as the global interrupt enable bit, EMI bit
will be cleared automatically. This will prevent any fur-
ther interrupt nesting from occurring. However, if other
interrupt requests occur during this interval, although
the interrupt will not be immediately serviced, the re-
quest flag will still be recorded.
If an interrupt requires immediate servicing while the
program is already in another interrupt service routine,
the EMI bit should be set after entering the routine, to al-
low interrupt nesting. If the stack is full, the interrupt re-
quest will not be acknowledged, even if the related
interrupt is enabled, until the Stack Pointer is decre-
mented. If immediate service is desired, the stack must
be prevented from becoming full. In case of simulta-
neous requests, the accompanying diagram shows the
priority that is applied. All of the interrupt request flags
when set will wake-up the device if it is in SLEEP or
IDLE Mode, however to prevent a wake-up from occur-
ring the corresponding flag should be set before the de-
vice is in SLEEP or IDLE Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com