Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 184 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 184 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 180Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 181Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 182Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 183Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 184Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 185Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 186Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 187Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 188Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.10
184
February 1, 2010
Baud Rate
K/BPS
Baud Rates for BRGH=1
fCLKI=4MHz
fCLKI=7.159MHz
BRG
Kbaud
Error (%)
BRG
Kbaud
Error (%)
0.3
¾¾¾¾¾¾
1.2
207
1.202
0.16
185
1.203
0.23
2.4
103
2.404
0.16
92
2.406
0.23
4.8
51
4.808
0.16
46
4.760
-0.83
9.6
25
9.615
0.16
22
9.727
1.32
19.2
12
19.231
0.16
11
18.643
-2.90
38.4
6
35.714
-6.99
5
37.286
-2.90
57.6
3
62.5
8.51
3
55.930
-2.90
115.2
1
125
8.51
1
111.86
-2.90
250
0
250
0
¾¾¾
Baud Rates and Error Values for BRGH
= 1
· BRG Register
Bit
76543210
Name
BRG7
BRG6
BRG5
BRG4
BRG3
BRG2
BRG1
BRG0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
xxxxxxxx
²x²: unknown
Bit 7~0
BRG7~BRG0: Baud Rate values
By programming the BRGH bit in UCR2 Register which allows selection of the related formula
described above and programming the required value in the BRG register, the required baud rate
can be setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com