Electronic Components Datasheet Search
  English  ▼

X  

HT82D20R Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT82D20R
Description  27MHz One Channel RX 8-Bit MCU
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82D20R Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT82D20R Datasheet HTML 17Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 18Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 19Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 20Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 21Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 22Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 23Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 24Page - Holtek Semiconductor Inc HT82D20R Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
HT82D20R/HT82D20A
Rev. 1.10
21
January 27, 2010
There are some timing constrains and usages illustrated here. By setting the MISC register, the MCU can perform read-
ing, writing and clearing actions. There are some examples shown in the following table for endpoint FIFO reading, writ-
ing and clearing.
Actions
MISC Setting Flow and Status
Read FIFO0 sequence
00H
®01H®delay of 2ms, check 41H®read* from FIFO0 register
and check if not ready (01H)
®03H®02H
Write FIFO1 sequence
0AH
®0BH®delay of 2ms, check 4BH®write* to FIFO1 register and
check if not ready (0BH)
®09H®08H
Check whether FIFO0 can be read or not
00H
®01H®delay of 2ms, check 41H (if ready) or 01H (if not
ready)
®00H
Check whether FIFO1 can be written to or not
0AH
®0BH®delay of 2ms, check 4BH (if ready) or 0BH (if not
ready)
®0AH
Write 0-sized packet sequence to FIFO 0
02H
®03H®delay of 2ms, check 43H®01H®00H
Note: *: There are 2
ms gap existing between 2 reading actions or between 2 writing actions
Register Name
R/W
Register Address
Bit7~Bit0
FIFO 0
R/W
01001000B
Data7~Data0
FIFO 1
R/W
01001001B
Data7~Data0
FIFO Register Address Table
USB Active Pipe Timing
The USB active pipe accessed by the host cannot be used by the MCU simultaneously. When the host finishes its work,
the signal, a USB_INT will be produced to tell the MCU that the pipe can be used and the acted pipe No. will be shown
in the signal, ACT_PIPE as well. The timing is illustrated in the Figure below.
USB Active Pipe Timing
U S B _ I N T
A C T _ P I P E
L a s t A c t e d P i p e
Suspend Wake-Up and Remote Wake-Up
If there is no signal on the USB bus for over 3ms, the de-
vices will go into a suspend mode. The Suspend line (bit
0 of the USC) will be set to 1 and a USB interrupt is trig-
gered to indicate that the devices should jump to the sus-
pend state.
Disable the USB clock by clearing the USBCKEN (bit3
of the SCC) to
²0². The suspend current is 1.5mA.
The user want to decrease the suspend current to about
1mA by setting the SUSP2 (bit4 of the SCC). But if the
SUSP2 is set, the user has to make sure not to enable the
LVR OPT option, otherwise the devices will be reset.
When the resume signal is sent out by the host, the de-
vices will wake-up the MCU by USB interrupt and the
Resume line (bit 3 of the USC) is set. In order to make
the device function properly, the programmer must set
the USBCKEN (bit 3 of the SCC) to 1 and clear the
SUSP2 (bit4 of the SCC). Since the Resume signal will
be cleared before the Idle signal is sent out by the host
and the Suspend line (bit 0 of the USC) is going to
²0².
So when the MCU is detecting the Suspend line (bit0 of
the USC), the Resume line should be remembered and
taken into consideration.
After finishing the resume signal, the suspend line will
go inactive and a USB interrupt is triggered. The follow-
ing is the timing diagram:
S U S P E N D
U S B R e s u m e S i g n a l
U S B _ I N T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com