Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 141Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
137
February 1, 2010
A/D Operation
The START bit in the ADCR0 register is used to start
and reset the A/D converter. When the microcontroller
sets this bit from low to high and then low again, an ana-
log to digital conversion cycle will be initiated. When the
START bit is brought from low to high but not low again,
the EOCB bit in the ADCR0 register will be set high and
the analog to digital converter will be reset. It is the
START bit that is used to control the overall start opera-
tion of the internal analog to digital converter.
The EOCB bit in the ADCR0 register is used to indicate
when the analog to digital conversion process is com-
plete. This bit will be automatically set to
²0² by the
microcontroller after a conversion cycle has ended. In
addition, the corresponding A/D interrupt request flag
will be set in the interrupt control register, and if the inter-
rupts are enabled, an appropriate internal interrupt sig-
nal will be generated. This A/D internal interrupt signal
will direct the program flow to the associated A/D inter-
nal interrupt address for processing. If the A/D internal
interrupt is disabled, the microcontroller can be used to
poll the EOCB bit in the ADCR0 register to check
whether it has been cleared as an alternative method of
detecting the end of an A/D conversion cycle.
The clock source for the A/D converter, which originates
from the system clock fSYS, can be chosen to be either
fSYS or a subdivided version of fSYS. The division ratio
value is determined by the ADCK2~ADCK0 bits in the
ADCR1 register.
Although the A/D clock source is determined by the sys-
tem clock fSYS, and by bits ADCK2~ADCK0, there are
some limitations on the maximum A/D clock source
speed that can be selected. As the minimum value of per-
missible A/D clock period, tADCK,is0.5
ms, care must be
taken for system clock frequencies equal to or greater
than 4MHz. For example, if the system clock operates at
a frequency of 4MHz, the ADCK2~ADCK0 bits should
not be set to
²000². Doing so will give A/D clock periods
that are less than the minimum A/D clock period which
may result in inaccurate A/D conversion values. Refer to
the following table for examples, where values marked
with an asterisk * show where, depending upon the de-
vice, special care must be taken, as the values may be
less than the specified minimum A/D Clock Period.
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
= 000
(fSYS)
ADCK2,
ADCK1,
ADCK0
= 001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
= 010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
= 100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
= 101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
= 111
1MHz
1
ms2ms4ms8ms16ms32ms64ms
Undefined
2MHz
500ns
1
ms2ms4ms8ms16ms32ms
Undefined
4MHz
250ns*
500ns
1
ms2ms4ms8ms16ms
Undefined
8MHz
125ns*
250ns*
500ns
1
ms2ms4ms8ms
Undefined
12MHz
83ns*
167ns*
333ns*
667ns
1.33
ms
2.67
ms
5.33
ms
Undefined
A/D Clock Period Examples
Controlling the power on/off function of the A/D con-
verter circuitry is implemented using the ADOFF bit in
the ADCR0 register. This bit must be zero to power on
the A/D converter. When the ADOFF bit is cleared to
zero to power on the A/D converter internal circuitry a
certain delay, as indicated in the timing diagram, must
be allowed before an A/D conversion is initiated. Even if
no pins are selected for use as A/D inputs by clearing
the ACE11~ACE0 bits in the ACERH and ACERL regis-
ters, if the ADOFF bit is zero then some power will still
be consumed. In power conscious applications it is
therefore recommended that the ADOFF is set high to
reduce power consumption when the A/D converter
function is not being used.
The reference voltage supply to the A/D Converter can
be supplied from either the positive power supply pin,
VDD, or from an external reference sources supplied on
pin VREF. The desired selection is made using the
VREFS bit. As the VREF pin is pin-shared with other
functions, when the VREFS bit is set high, the VREF pin
function will be selected and the other pin functions will
be disabled automatically.
A/D Input Pins
All of the A/D analog input pins are pin-shared with the
I/O pins on Port A, PE6, PF7, PF0 or PF1 as well as
other functions. The ACE11~ ACE0 bits in the ACERH
and ACERL registers, determine whether the input pins
are setup as A/D converter analog inputs or whether
they have other functions. If the ACE11~ ACE0 bits for
its corresponding pin is set high then the pin will be
setup to be an A/D converter input and the original pin
functions disabled. In this way, pins can be changed un-
der program control to change their function between
A/D inputs and other functions. All pull-high resistors,
which are setup through register programming, will be
automatically disconnected if the pins are setup as A/D
inputs. Note that it is not necessary to first setup the A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com