Electronic Components Datasheet Search
  English  ▼

X  

HT66F60 Datasheet(PDF) 139 Page - Holtek Semiconductor Inc

Part # HT66F60
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F60 Datasheet(HTML) 139 Page - Holtek Semiconductor Inc

Back Button HT66F60 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F60 Datasheet HTML 143Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
139
February 1, 2010
The accompanying diagram shows graphically the vari-
ous stages involved in an analog to digital conversion
process and its associated timing. After an A/D conver-
sion process has been initiated by the application pro-
gram, the microcontroller internal hardware will begin to
carry out the conversion, during which time the program
can continue with other functions. The time taken for the
A/D conversion is 16tADCK where tADCK is equal to the A/D
clock period.
Programming Considerations
During microcontroller operations where the A/D con-
verter is not being used, the A/D internal circuitry can be
switched off to reduce power consumption, by setting bit
ADOFF high in the ADCR0 register. When this happens,
the internal A/D converter circuits will not consume
power irrespective of what analog voltage is applied to
their input lines. If the A/D converter input lines are used
as normal I/Os, then care must be taken as if the input
voltage is not at a valid logic level, then this may lead to
some increase in power consumption.
A/D Transfer Function
As the devices contain a 12-bit A/D converter, its
full-scale converted digitised value is equal to FFFH.
Since the full-scale analog input value is equal to the
VDD or VREF voltage, this gives a single bit analog input
value of VDD or VREF divided by 4096.
1 LSB= (VDD or VREF)
¸ 4096
The A/D Converter input voltage value can be
calculated using the following equation:
A/D input voltage =
A/D output digital value
´ (VDD or VREF) ¸ 4096
The diagram shows the ideal transfer function between
the analog input value and the digitised output value for
the A/D converter. Except for the digitised zero value,
the subsequent digitised values will change at a point
0.5 LSB below where they would change without the off-
set, and the last full scale digitised value will change at a
point 1.5 LSB below the VDD or VREF level.
A/D Programming Example
The following two programming examples illustrate how
to setup and implement an A/D conversion. In the first
example, the method of polling the EOCB bit in the
ADCR0 register is used to detect when the conversion
cycle is complete, whereas in the second example, the
A/D interrupt is used to determine when the conversion
is complete.
F F E H
(
)
A / D C o n v e r s i o n
R e s u l t
F F F H
F F D H
0 3 H
0 2 H
0 1 H
0 . 5 L S B
0
1
2
3
4 0 9 3 4 0 9 4 4 0 9 5 4 0 9 6
A n a l o g I n p u t V o l t a g e
1 . 5 L S B
V D D o r V R E F
4 0 9 6
Ideal A/D Transfer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com