Electronic Components Datasheet Search
  English  ▼

X  

HT9292 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT9292
Description  TinyPower Operation Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9292 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT9292 Datasheet HTML 1Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 2Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 3Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 4Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9292 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HT9291/HT9292/HT9294
Rev. 1.00
4
March 8, 2010
Functional Description
Input Stage
The input stage of op amps are nominal PMOS differen-
tial amplifiers (see the following diagram), therefore the
common mode input voltage can extend to VSS-0.6V.
On the other hand the common mode input voltage has
to be maintained below (VDD
-1.2V) to keep the input de-
vice (M2 and M3) active. This implies that when using
HT9291/HT9292/HT9294 as a voltage follower, the in-
put as well as output active range will be limited be-
tween VSS~VDD-1V (approx.). Avoid applying any
voltage greater than VDD+0.6V or less than VSS-0.6V to
the input pins, otherwise the internal input protection de-
vices may be damaged.
Since the input impedance of PMOS is inherently very
high, it can directly couple to high impedance elements
without loading effect. For example, coupling to ceramic
transducers, integrating capacitor and resistor net-
works.
Actually the extremly high input impedance is its major
advantage over the bipolar counterpart, in some appli-
cation fields such as integrators where the input current
of op amp can cause significant error.
Output Stage
The HT9291/HT9292/HT9294 uses push-pull CMOS
configuration as the output stage of op amps to mini-
mize low power consumption and to provide adequate
output driving current.
Note that the output is an unbuffered structure, therefore
the open loop gain will be affected by the load resistor
since the voltage gain of this stage can be expressed as
(gm5+ gm6)
´RL.
Because of the consideration for minimized power con-
sumption, the output short circuit current is limited to
about -1.2mA for source drive and 4mA for sink drive.
This is believed to be enough for most low power sys-
tems, however it is recommended to use the load resis-
tor of >1M
W for normal applications. In case of heavy
load driving, an external buffer stage using bipolar tran-
sistors is recommended.
The HT9291/HT9292/HT9294 is internally compen-
sated for AC stability and capable to withstand up to a
60pF capacitive load.
V D D
V B I A S
M 1
M 2
M 3
M 4
M 5
V S S
V S S
P M O S
P M O S
N o n i n v e r t i n g I n
I n v e r t i n g I n
T o O u t p u t S t a g e
M 5
M 6
V D D
V S S
O U T
V B I A S
F r o m
D i f f e r e n t i a l
A m p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com