Electronic Components Datasheet Search
  English  ▼

X  

PSKT95 Datasheet(PDF) 2 Page - Powersem GmbH

Part # PSKT95
Description  Thyristor/Diode Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSKT95 Datasheet(HTML) 2 Page - Powersem GmbH

  PSKT95 Datasheet HTML 1Page - Powersem GmbH PSKT95 Datasheet HTML 2Page - Powersem GmbH PSKT95 Datasheet HTML 3Page - Powersem GmbH PSKT95 Datasheet HTML 4Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWERSEM GmbH, Walpersdorfer Str. 53
D - 91126 Schwabach
Phone: 09122 - 9764 - 0 FAX: 09122 - 9764 - 20
2002 POWERSEM reserves the right to change limits, test conditions and dimensions
Symbol
Test Conditions
Characteristic Values
I
RRM, IDRM
T
VJ = TVJM; VR = VRRM; VD = VDRM
5mA
V
T, VF
I
T, IF = 300 A; TVJ = 25°C
1.5
V
V
T0
For power-loss calculations only (T
VJ = 125°C)
0.8
V
r
T
2.4
m
Ω
V
GT
V
D = 6 V;
T
VJ =
25°C
2.5
V
T
VJ = -40°C
2.6
V
I
GT
V
D = 6 V;
T
VJ =
25°C
150
mA
T
VJ = -40°C
200
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
0.2
V
I
GD
10
mA
I
L
T
VJ = 25°C; tP = 10 µs; VD = 6 V
450
mA
I
G = 0.45 A; diG/dt = 0.45 A/µs
I
H
T
VJ = 25°C; VD = 6 V; RGK = ∞
200
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
2
µs
I
G = 0.45 A; diG/dt = 0.45 A/µs
t
q
T
VJ = TVJM; IT = 150 A, tP = 200 µs; -di/dt = 10 A/µs
typ.
185
µs
V
R = 100 V; dv/dt = 20 V/µs; VD = 2/3 VDRM
Q
S
T
VJ = TVJM; IT, IF = 50 A, -di/dt = 6 A/µs
170
µC
I
RM
45
A
R
thJC
per thyristor/diode; DC current
0.22
K/W
per module
other values
0.11
K/W
R
thJK
per thyristor/diode; DC current
see Fig. 8/9
0.42
K/W
per module
0.21
K/W
d
S
Creepage distance on surface
12.7
mm
d
A
Strike distance through air
9.6
mm
a
Maximum allowable acceleration
50
m/s2
Fig. 1 Gate trigger characteristics
Fig. 2 Gate trigger delay time
Dimensions in mm (1 mm = 0.0394")
PSKT/ PSKH Version 1
PSKT Version 8
PSKH Version 8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com