Electronic Components Datasheet Search
  English  ▼

X  

PDMB600E6 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PDMB600E6
Description  IGBT Module-Dual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB600E6 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PDMB600E6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB600E6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB600E6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDMB600E6 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QS043-402-20389 (4/5)
00
日本インター株式会社
PDMB600E6
PDMB600E6C
0
150
300
450
600
750
900
0
0.2
0.4
0.6
0.8
1
Collector Current IC (A)
Fig.7- Collector Current vs. Switching Time (Typical)
tOFF
tf
tr(V
CE)
tON
VCC=300V
RG=2.0
VGE=±15V
TC=25°C
Resistive Load
1
3
10
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.8- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=600A
VGE=±15V
TC=25°C
Resistive Load
tf
tr(V
CE)
ton
toff
1
3
10
30
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.10- Series Gate Impedance vs. Switching Time
VCC=300V
IC=600A
VGE=±15V
TC=125°C
Inductive Load
tf
tr(I
C)
ton
toff
0
150
300
450
600
750
900
0
20
40
60
80
Collector Current IC (A)
Fig.11- Collector Current vs. Switching Loss
EOFF
EON
VCC=300V
RG=2.0
VGE=±15V
TC=125°C
Inductive Load
ERR
1
3
10
30
1
3
10
30
100
300
1000
Series Gate Impedance RG ( )
Fig.12- Series Gate Impedance vs. Switching Loss
EOFF
EON
VCC=300V
IC=600A
VGE=±15V
TC=125°C
Inductive Load
ERR
0
150
300
450
600
750
900
0.001
0.01
0.1
1
10
Collector Current IC (A)
Fig.9- Collector Current vs. Switching Time
tOFF
tf
tr(Ic)
tON
VCC=300V
RG=2.0
VGE=±15V
TC=125°C
Inductive Load



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com