Electronic Components Datasheet Search
  English  ▼

X  

UTCTA31002 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTA31002
Description  TELEPHONE TONE RINGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTA31002 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTA31002 Datasheet HTML 1Page - Unisonic Technologies UTCTA31002 Datasheet HTML 2Page - Unisonic Technologies UTCTA31002 Datasheet HTML 3Page - Unisonic Technologies UTCTA31002 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCTA31002
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R108-004,A
TELEPHONE TONE RINGER
DESCRIPTION
The UTC TA31002 is a bipolar integrated circuit
designed for telephone bell replacement. It can also be
used as alarms or other alerting devices.
FEATURES
*Current consumption is small. (at no-load)
*Package is compaction. (DIP-8 pin)
*Oscillation frequency is variable.
*Built-in threshold circuits prevent false triggering due
to power noise as well as “chirps” due to rotary dial.
*Few external componens.
DIP-8
PIN CONFIGURATIONS
1
2
3
4
8
7
6
5
Vcc
RSL
Low Freq.
Time Constant
Low Freq.
Time Constant
Output
High Freq.
Time Constant
High Freq.
Time Constant
GND
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C )
PARAMETER
SYMBOL
VALUE
UNIT
Power Supply Voltage
Vcc
30
V
Power Dissipation
Pd
800
mW
Operating Temperature
Topr
-40 to 85
°C
Storage Temperature
Tstg
-55 to 150
°C


Similar Part No. - UTCTA31002

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
More results

Similar Description - UTCTA31002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
TELEPHONE TONE RINGER
logo
Unisonic Technologies
UTC31001 UTC-UTC31001 Datasheet
25Kb / 3P
TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
31002A UTC-31002A_15 Datasheet
193Kb / 5P
TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com