Electronic Components Datasheet Search
  English  ▼

X  

PRFMB150E6C Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PRFMB150E6C
Description  IGBT Module-Dual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PRFMB150E6C Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PRFMB150E6C Datasheet HTML 1Page - Nihon Inter Electronics Corporation PRFMB150E6C Datasheet HTML 2Page - Nihon Inter Electronics Corporation PRFMB150E6C Datasheet HTML 3Page - Nihon Inter Electronics Corporation PRFMB150E6C Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
00
日本インター株式会社
PRFMB150E6
PRFMB150E6C
01
234
5
0
50
100
150
200
250
300
Collector to Emitter Voltage VCE (V)
Fig.1- Output Characteristics (Typical)
TC=25°C
11V
10V
VGE=20V
9V
8V
12V
15V
01
234
5
0
50
100
150
200
250
300
Collector to Emitter Voltage VCE (V)
Fig.2- Output Characteristics (Typical)
TC=125°C
11V
10V
VGE=20V
9V
8V
12V
15V
04
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
TC=25°C
IC=60A
300A
150A
04
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.4- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
IC=60A
300A
TC=125°C
150A
0
100
200
300
400
500
600
0
50
100
150
200
250
300
350
400
Total Gate Charge Qg (nC)
Fig.5- Gate Charge vs. Collector to Emitter Voltage (Typical)
0
2
4
6
8
10
12
14
16
VCE=300V
200V
100V
RL=2.0
TC=25°C
0.1
0.2
0.5
1
2
5
10
20
50
100
200
100
300
1000
3000
10000
30000
100000
Collector to Emitter Voltage VCE (V)
Fig.6- Capacitance vs. Collector to Emitter Voltage (Typical)
Cies
Coes
Cres
VGE=0V
f=1MHZ
TC=25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com