Electronic Components Datasheet Search
  English  ▼

X  

TA7640AP Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TA7640AP
Description  AM/FM IF PROCESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA7640AP Datasheet(HTML) 1 Page - Unisonic Technologies

  TA7640AP Datasheet HTML 1Page - Unisonic Technologies TA7640AP Datasheet HTML 2Page - Unisonic Technologies TA7640AP Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCTA7640AP LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R110-007,A
AM/FM IF PROCESSOR
DESCRIPTION
The UTC TA7640AP Is A Monolithic Integrated Circuit
Designed For The Radios Cassette Tape Recorder.
FEATURES
*Low Operating Current
*Low External Component
*Internal AM/FM Switch
*Wide Operating Voltage : Vcc=3.8V
DIP-16
BLOCK DIAGRAM
FM IF AMP
AM IF AMP
IF AMP
FREQUENCY
DETECTOR
LOCAL
OSC
REGULATOR
AM AMP
DRIVER
AM/FM
SWITC
H
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
7
INPUT
0.01
µF
0.047
µF
0.015
µF
Vcc=5V
22
µF
68k
Ω
10
µF
AM
FM


Similar Part No. - TA7640AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7641BF TOSHIBA-TA7641BF Datasheet
685Kb / 9P
AM 1 CHIP RADIO
TA7641BP TOSHIBA-TA7641BP Datasheet
685Kb / 9P
AM 1 CHIP RADIO
logo
List of Unclassifed Man...
TA7642 ETC1-TA7642 Datasheet
90Kb / 2P
ONE CHIP AM RADIO CIRCUIT
TA7642 ETC2-TA7642 Datasheet
521Kb / 1P
AM radio IC
logo
Toshiba Semiconductor
TA76431 TOSHIBA-TA76431 Datasheet
246Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - TA7640AP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580 Datasheet
450Kb / 31P
FM/AM DIGITAL IF SAMPLING PROCESSOR
Jul-2002
logo
Toshiba Semiconductor
TA8186P TOSHIBA-TA8186P Datasheet
274Kb / 8P
AM/FM IFMPX
logo
Daewoo Semiconductor
DBL1011 DAEWOO-DBL1011 Datasheet
256Kb / 5P
FM/AM IF SYSTEM
logo
TOKO, Inc
TK10930 TOKO-TK10930 Datasheet
937Kb / 4P
AM/FM IF DETECTOR
logo
Hitachi Semiconductor
HA12413 HITACHI-HA12413 Datasheet
658Kb / 7P
FM/AM IF SYSTEM
logo
Rohm
BA4236L ROHM-BA4236L Datasheet
966Kb / 19P
FM/AM IF SYSTEM
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
AM Tuner, FM-AM IF Amplifier
logo
Toshiba Semiconductor
TA7758P TOSHIBA-TA7758P Datasheet
359Kb / 5P
AM/FM IF SYSTEM
logo
STMicroelectronics
TDA7580 STMICROELECTRONICS-TDA7580_07 Datasheet
578Kb / 39P
FM/AM digital IF sampling processor
Mar-2007
logo
Sanyo Semicon Device
LA1201 SANYO-LA1201 Datasheet
402Kb / 10P
FM/AM IF
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com