Electronic Components Datasheet Search
  English  ▼

X  

AD10 Datasheet(PDF) 1 Page - RFE international

Part # AD10
Description  CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

AD10 Datasheet(HTML) 1 Page - RFE international

  AD10 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1BD02
2003.05.08
CERAMIC CAPACITOR
AD Series: Axial Leaded Multilayer
Axial Leaded Multilayer Ceramic Capacitors are
made with a superior epoxy coating for moisture
and mechanical protection. The small size is
suitable for a wide range of applications, including:
data processing, telecommunications,
instrumentation, and industrial controls.
Same Features and Characteristics as the Radial
Leaded Multilayered Capacitor.
AD 10 XR 104 K 500 R
Tape Spec.
Symbol Dimension (mm)
Pitch of component
P
5.08±0.51
Culmulative Tolerance of P
±0.15
Over 6 Consecutive Units.
Tape Width
Wt
6.0±1.0
Lead Wire Protrusion
Le
1.0 max
Lead Extension into Tape
Li
1.5 max
Offset Between Tapes
T
0.8 max
Width Between Tapes
W
52.4±1.5
Lead Diameter
d
0.483
Reel Spec.
Symbol Dimension (mm)
Centered
C
±0.76
Core Diameter
D1
34.9-92.1
Standard 82
Reel Diameter
D2
360 max
Standard 340
Core Width
W1
67(+1.5, -0)
Recess Depth
R
9.5 min.
Standard 16
Arbor Hole
H0
13.89-38.10
Standard 17
Deflection from Nominal
h
1.2 max
Position
PART NUMBER EXAMPLE
SIZE CODE
AND CAPACITANCE RANGE
(mm)
(pF)
DIMENSIONS
INTRODUCTION
Size
Length
Diameter
WVDC
COG/NPO
(CG)
X7R
(XR)
Z5U
(ZU)
Code
L(max)
D(max)
AD10
50V
0.5 ~ 3,300 220~2,200,000 10,000 ~ 3,300,000
4.32
2.54
100V
0.5 ~ 3,300 220~2,200,000 10,000 ~ 3,300,000
Y5V
(YV)
10,000 ~ 4,700,000
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - AD10

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
AD10 COOPER-AD10 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
AD10 ETC2-AD10 Datasheet
85Kb / 1P
CPRIIRNCTEUDI TCI RICMUPITR BIMOA횋RD
logo
Microchip Technology
AD10 MICROCHIP-AD10 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Microsemi Corporation
AD100 MICROSEMI-AD100 Datasheet
127Kb / 3P
SCRs 1.5 Amp, Planar
logo
New Jersey Semi-Conduct...
AD100 NJSEMI-AD100 Datasheet
156Kb / 2P
1.6 Amp, Planar
More results

Similar Description - AD10

ManufacturerPart #DatasheetDescription
logo
RFE international
RD25ZU104M500B RFE-RD25ZU104M500B Datasheet
100Kb / 1P
CERAMIC CAPACITOR RD Series: Radial Leaded Multilayer
logo
Kemet Corporation
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
logo
Taiyo Yuden (U.S.A.), I...
UP025SL470J-A-BZ TAIYO-YUDEN-UP025SL470J-A-BZ Datasheet
138Kb / 1P
Axial Leaded Ceramic Capacitor
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
Axial Leaded Multilayer Ceramic Capacitors
logo
RFE international
AD10CG104K500A RFE-AD10CG104K500A Datasheet
595Kb / 3P
MULTILAYER CERAMIC CAPACITOR AD Series (C0G/NPO): Axial Leaded
2022.05.31
AD10XR104K500A RFE-AD10XR104K500A Datasheet
621Kb / 3P
MULTILAYER CERAMIC CAPACITOR AD Series (X7R/X5R/Y5V/Z5U): Axial Leaded
2022.05.31
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com