Electronic Components Datasheet Search
  English  ▼

X  

GP1603 Datasheet(PDF) 1 Page - RFE international

Part # GP1603
Description  LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

GP1603 Datasheet(HTML) 1 Page - RFE international

  GP1603 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C3CA02
LEADED (THRU-HOLE)
General Purpose & Fast Recovery Rectifiers
FAST RECOVERY
Operating Temperature: -65°C to 125°C
RF
Cross
Max Avg.
Peak
Peak Fwd Surge
Max Forward
Package
Outline
Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25°C
(Max in inches)
Current
Voltage
Superimposed
@ Rated IO
IO(A)
PIV(V)
IFSM(A)
VFM(V)
Reverse
Recovery Time
@ Rated PIV
TRR(ns)
Max Reverse
Current @ 25°C
@ Rated PIV
IR(mA)
Bulk/Reel
FR101
1N4933
1.0 A
50
30
1.3
5.0
150
1000/5000
FR102
1N4934
1.0 A
100
30
1.3
5.0
150
1000/5000
FR103
1N4935
1.0 A
200
30
1.3
5.0
150
1000/5000
FR104
1N4936
1.0 A
400
30
1.3
5.0
150
1000/5000
FR105
1N4937
1.0 A
600
30
1.3
5.0
250
1000/5000
FR106
1.0 A
800
30
1.3
5.0
500
1000/5000
FR107
1.0 A
1000
30
1.3
5.0
500
1000/5000
FR151
1.5 A
50
60
60
60
60
60
60
60
1.3
5.0
150
500/4000
FR152
1.5 A
100
1.3
5.0
150
500/4000
FR153
1.5 A
200
1.3
5.0
150
500/4000
FR154
1.5 A
400
1.3
5.0
150
500/4000
FR155
1.5 A
600
1.3
5.0
250
500/4000
FR156
1.5 A
800
1.3
5.0
500
500/4000
FR157
1.5 A
1000
1.3
5.0
500
500/4000
FR201
2.0 A
50
70
70
70
70
70
70
70
1.3
5.0
150
500/4000
FR202
2.0 A
100
1.3
5.0
150
500/4000
FR203
2.0 A
200
1.3
5.0
150
500/4000
FR204
2.0 A
400
1.3
5.0
150
500/4000
FR205
2.0 A
600
1.3
5.0
250
500/4000
FR206
2.0 A
800
1.3
5.0
500
500/4000
FR207
2.0 A
1000
1.3
5.0
500
500/4000
FR301
3.0 A
50
1.3
10.0
150
500/1200
FR302
3.0 A
100
1.3
10.0
150
500/1200
FR303
3.0 A
200
1.3
10.0
150
500/1200
FR304
3.0 A
400
1.3
10.0
150
500/1200
FR305
3.0 A
600
1.3
10.0
250
500/1200
FR306
3.0 A
800
1.3
10.0
500
500/1200
FR307
3.0 A
1000
1.3
10.0
500
500/1200
FR601
6.0 A
50
300
300
300
300
300
300
300
200
1.3
10.0
150
200/500
FR602
6.0 A
100
200
1.3
10.0
150
200/500
FR603
6.0 A
200
200
1.3
10.0
150
200/500
FR604
6.0 A
400
200
1.3
10.0
150
200/500
FR605
6.0 A
600
200
1.3
10.0
250
200/500
FR606
6.0 A
800
200
1.3
10.0
500
200/500
FR607
6.0 A
1000
200
1.3
10.0
500
200/500
DO-41
DO-15
DO-201AD
R-6
.360
TO-220A
TO-220
GENERAL PURPOSE RECTIFIERS (Including Glass Passivated, use G suffix)
Operating Temperature: -65°C to 125°C
RF
Cross
Max Avg.
Peak
Peak Fwd Surge
Max Forward
Max Reverse
Package
Outline
Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25°C Current @ 25°C
(Max in inches)
Current
Voltage
Superimposed
@ Rated IO
@ Rated PIV
IO(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
Bulk/Reel
10A05
10.0 A
50
600
1.0
10.0
200/500
10A10
10.0 A
100
600
1.0
10.0
200/500
10A20
10.0 A
200
600
1.0
10.0
200/500
10A40
10.0 A
400
600
1.0
10.0
200/500
10A60
10.0 A
600
600
1.0
10.0
200/500
10A80
10.0 A
800
600
1.0
10.0
200/500
10A100
10.0 A
1000
600
1.0
10.0
200/500
GPA801
8.0 A
50
150
1.1
5.0
50/Tube
GPA802
8.0 A
100
150
1.1
5.0
50/Tube
GPA803
8.0 A
200
150
1.1
5.0
50/Tube
GPA804
8.0 A
400
150
1.1
5.0
50/Tube
GPA805
8.0 A
600
150
1.1
5.0
50/Tube
GPA806
8.0 A
800
150
1.1
5.0
50/Tube
GPA807
8.0 A
1000
150
1.1
5.0
50/Tube
GPA1601
16.0 A
50
150
1.1
10.0
50/Tube
GPA1602
16.0 A
100
150
1.1
10.0
50/Tube
GPA1603
16.0 A
200
150
1.1
10.0
50/Tube
GPA1604
16.0 A
400
150
1.1
10.0
50/Tube
GPA1605
16.0 A
600
150
1.1
10.0
50/Tube
GPA1606
16.0 A
800
150
1.1
10.0
50/Tube
GPA1607
16.0 A
1000
150
1.1
10.0
50/Tube
GP1601
16.0 A
50
150
1.1
10.0
50/Tube
GP1602
16.0 A
100
150
1.1
10.0
50/Tube
GP1603
16.0 A
200
150
1.1
10.0
50/Tube
GP1604
16.0 A
400
150
1.1
10.0
50/Tube
GP1605
16.0 A
600
150
1.1
10.0
50/Tube
GP1606
16.0 A
800
150
1.1
10.0
50/Tube
GP1607
16.0 A
1000
150
1.1
10.0
50/Tube
R-6
.360
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - GP1603

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GP1603 TSC-GP1603 Datasheet
91Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GP1603 TSC-GP1603 Datasheet
344Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
GP1603 TSC-GP1603 Datasheet
528Kb / 2P
16.0 AMPS. Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
GP1603 THINKISEMI-GP1603 Datasheet
307Kb / 2P
16.0 Ampere Dual Common Cathode General Purpose Rectifier Diodes
logo
Taiwan Memory Technolog...
GP1603 TMT-GP1603 Datasheet
210Kb / 4P
16A, 50V - 1000V Glass Passivated Rectifiers
More results

Similar Description - GP1603

ManufacturerPart #DatasheetDescription
logo
RFE international
1A1 RFE-1A1 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose Rectifiers, 1 to 8 Amps
FR02-25 RFE-FR02-25 Datasheet
91Kb / 1P
LEADED (THRU-HOLE): High Voltage Fast Recovery & Short Protection Rectifiers
GP02-25 RFE-GP02-25 Datasheet
78Kb / 1P
LEADED (THRU-HOLE) High Voltage Rectifiers
HER101 RFE-HER101 Datasheet
101Kb / 1P
LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
SF61 RFE-SF61 Datasheet
95Kb / 1P
LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
logo
Formosa MS
1N4933 FORMOSA-1N4933_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
Axial Leaded Fast Recovery Rectifiers
FR301G FORMOSA-FR301G_17 Datasheet
96Kb / 6P
Axial Leaded Fast Recovery Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com