Electronic Components Datasheet Search
  English  ▼

X  

SSF67 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SSF67
Description  dual switch point series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SSF67 Datasheet(HTML) 1 Page - Cynergy3 Co

  SSF67 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SSF67
dual switch point series
ISO
9001CERTIFIED
Competitive part number cross-reference available at:
www.cynergy3.com
© 2007 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Corp.
USA
Cynergy3 Components
2320 Paseo de las Americas, Suite 104
San Diego, CA 92154
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
EUROPE - UK
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email:sales@cynergy3.com
The SSF67 has been designed to give the user
a deep penetration float switch with a number
of switching options, to cater for a wide
variety of system requirements. Manufactured
in Stainless Steel 316L grade material,
these switches are suitable for use in many
aggressive liquids or hygienic applications.
The single float version provides high level
(make on rise) and low level (make on fall)
switch contacts. Suitable for high and low
level alarms and control signals.
This switch is screw mounted vertically with a
M16x2 thread, so requires access to the inside
of the tank.
Typical applications are in water, diesel, oil,
hydraulic tanks and reservoirs or in chemicals
storage and process control.
Mechanical Dimensions
All dimensions are in millimeters (inches)
TM
Stainless Steel 316L material
Single or dual switching levels
Close tolerance switching
Process Temperature to 135°C
Technical Specification
Electrical Specification
Material
Stainless Steel 316L
Switching Power Max. VA
25
Temp. Range °C
°F
-20 /+135
-4 /+275
Switching Voltage AC
250
Switching Voltage DC
120
Min. Fluid S.G.
0.80
Switching Current Max. A
0.6
Minimum high level mm
25
All rating are for resistive load only
Maximum low level mm
3500
Switching differential
(each level) nominal mm
1
Maximum pressure bar
10
(up to 500mm stem length)
Single Float Version
Cynergy3 no.
Upper Switch
Level
Lower Switch
Level
Total
Length
Gasket
SSF67A25B75
25mm
75mm
102mm
Nitrile
SSF67A25B100
25mm
100mm
127mm
Nitrile
SSF67A25B125
25mm
125mm
152mm
Nitrile
SSF67A25B150
25mm
150mm
177mm
Nitrile
SSF67A25B175
25mm
175mm
202mm
Nitrile
Make on Fall
(Break on Rise)
Level
Make on
Rise Level
25mm (1.0”)
WIRE 4 CORE
Top Level - Yellow/Red
Bottom Level - Blue/Green
ARROW
Lower
Level
Switch
19mm
(0.7”)
27mm (1.0”)
4mm
0.16
M16x2
27mm (1.0”)
28mm
(1.0”)
4mm
0.16
Gasket
Upper Level Switch


Similar Part No. - SSF67

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF67A25B100PM12 CYNERGY3-SSF67A25B100PM12 Datasheet
244Kb / 1P
Dual Switch Point Stainless with M12 connection
SSF67A25B125PM12 CYNERGY3-SSF67A25B125PM12 Datasheet
244Kb / 1P
Dual Switch Point Stainless with M12 connection
SSF67A25B150PM12 CYNERGY3-SSF67A25B150PM12 Datasheet
244Kb / 1P
Dual Switch Point Stainless with M12 connection
SSF67A25B175PM12 CYNERGY3-SSF67A25B175PM12 Datasheet
244Kb / 1P
Dual Switch Point Stainless with M12 connection
SSF67A25B200PM12 CYNERGY3-SSF67A25B200PM12 Datasheet
244Kb / 1P
Dual Switch Point Stainless with M12 connection
More results

Similar Description - SSF67

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7370 NJRC-NJU7370 Datasheet
297Kb / 10P
8 X 32 ANALOG CROSS POINT SWITCH
logo
Panasonic Semiconductor
AN6448NFBP PANASONIC-AN6448NFBP Datasheet
156Kb / 11P
Speech Network IC Incorporating Cross-Point Switch
logo
Cynergy3 Co
RSF66 CYNERGY3-RSF66 Datasheet
524Kb / 1P
dual switch point series
logo
Magnetrol International...
810-0105-D01 MAGNETROL-810-0105-D01 Datasheet
135Kb / 4P
Kotron짰 Model 810 RF Point Level Switch
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
Kotron짰 Model 811 RF Point Level Switch
logo
Cynergy3 Co
RSF66P CYNERGY3-RSF66P Datasheet
1Mb / 1P
Dual switch point series with M12 connection
SSF67PM12 CYNERGY3-SSF67PM12 Datasheet
244Kb / 1P
Dual Switch Point Stainless with M12 connection
logo
Endress+Hauser Group Se...
TI01047F EH-TI01047F Datasheet
1Mb / 12P
Point level switch for granular solids
2022-05-31
TI01147F EH-TI01147F Datasheet
1Mb / 36P
Point level switch for liquids
2021-01-26
logo
Mitsubishi Electric Sem...
M5172L MITSUBISHI-M5172L Datasheet
352Kb / 2P
ZERO-CROSS POINT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com