Electronic Components Datasheet Search
  English  ▼

X  

SSF29 Datasheet(PDF) 1 Page - Cynergy3 Co

Part # SSF29
Description  high pressure internal side mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

SSF29 Datasheet(HTML) 1 Page - Cynergy3 Co

  SSF29 Datasheet HTML 1Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SSF29
high pressure internal side mount
ISO
9001CERTIFIED
www.cynergy3.com
© 2010 Cynergy3 Components, All Rights Reserved. Specifications ar subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
USA
Cynergy3 Components
11125 Knott Avenue, Suite D
San Diego, CA 90630
Sales & Tech Support (866) 258-5057
Email: sales@cynergy3.com
EUROPE - UK
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Fax +44 (0) 1202 891918
Email:sales@cynergy3.com
The SSF29 series is a horizontally mounted
device designed to achieve reliable switching
at higher pressures. Mounting is in the side of
the tank from the inside, so requires access to
the inside of the tank.
This type is capable of working at pressures of
up to 40 bar.
They are manufactured in 316 grade Stainless
Steel, for those liquids and environments that
require the use of Stainless Steel and will work
in liquids of SG 0.7 minimum.
The switch action may be reversed by removing
the foat, inverting it and then reftting it to the
stem.
Electrical Specification
Contact Form
N/O or N/C
Switching Power Max. VA
50
Switching Current Max. A
0.5
Switching Voltage AC
300
Switching Voltage DC
300
Breakdown Voltage Min. DC
600
All ratings are for resistive load only.
Standard Parts
Leadouts
SSF29X100
100cm XLPE wires
Mechanical Dimensions
All dimensions are in millimeters (inches)
Stainless steel
Internal mounting
Temperature range to 120 oC
Pressure up to 40 bar
User configurable N/O or N/C action
#ONTACT
?
666666
%NVIRONMENTAL
0ART.UMBERING3YSTEM
Technical Specification
Mounting style
Internal
Cable length - standard
1000mm
Mounting thread
1/8” BSP
Cable size
17/0.10 - AWG22
Float & Stem material
316 grade
Cable conductor material
Tinned copper
Maximum Temperature
120oC
Cable sheath material
XLPE
Maximum Pressure
40 bar
Cable temperature rating
125oC
Float SG
0.6
Sealing gasket
Not supplied
Minimum fuid SG
0.7
Tightening torque for fixing nut
2.0kg/cm
10mm (0.4”) max.
Tank wall
R1
7.5
58mm
(2.3”)
8mm
(0.3”) dia.
PF 1/8” (BSP)
43mm
(1.7”) dia.
40
mm
(1.
6”)
42mm
(1.7”)
90mm
(3.5”)
15mm
(0.6”)
55mm
(2.2”)
1000mm
(39.4”)
14mm
(0.5”)
17mm
(0.7”)
40mm
(1.6”)
TM


Similar Part No. - SSF29

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSF20K8NE-C SECOS-SSF20K8NE-C Datasheet
506Kb / 4P
N-Channel Enhancement Mode Power MOSFET
logo
Silikron Semiconductor ...
SSF20N50UH SILIKRON-SSF20N50UH Datasheet
469Kb / 8P
Advanced Process Technology
SSF20N60H SILIKRON-SSF20N60H Datasheet
468Kb / 8P
High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF20N60H GOOD-ARK-SSF20N60H Datasheet
762Kb / 7P
600V N-Channel MOSFET
SSF20N60H GOOD-ARK-SSF20N60H_15 Datasheet
762Kb / 7P
600V N-Channel MOSFET
More results

Similar Description - SSF29

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
SSF24 CYNERGY3-SSF24 Datasheet
267Kb / 1P
miniature internal side mount
SSF28 CYNERGY3-SSF28 Datasheet
221Kb / 1P
high pressure internal fitting
logo
International Rectifier
AUIRS2016S IRF-AUIRS2016S Datasheet
325Kb / 23P
High Side Driver with Internal Vs Recharge
logo
SMSC Corporation
EMC1701 SMSC-EMC1701 Datasheet
876Kb / 54P
High-Side Current-Sense and Internal 1째C Temperature Monitor
logo
International Rectifier
AUIRS20161S IRF-AUIRS20161S Datasheet
316Kb / 25P
One high side output and internal low side Vs recharge.
logo
Glenair, Inc.
220-09 GLENAIR-220-09 Datasheet
173Kb / 2P
High-Pressure Environmental Box-Mount Plug
940-015 GLENAIR-940-015 Datasheet
69Kb / 1P
High-Pressure Environemental Jam Nut Mount
logo
Cynergy3 Co
SSV66-SPM12 CYNERGY3-SSV66-SPM12 Datasheet
1Mb / 1P
Side mount dual level vertical switch, internal mount
SSV66-SM16 CYNERGY3-SSV66-SM16 Datasheet
723Kb / 1P
Side mount dual level vertical switch, internal mount
logo
STMicroelectronics
STEVAL-ILL015V3 STMICROELECTRONICS-STEVAL-ILL015V3 Datasheet
310Kb / 5P
Cost-effective internal high-side oscillator
08-Jul-2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com