Electronic Components Datasheet Search
  English  ▼

X  

DMMDB4A Datasheet(PDF) 1 Page - RFE international

Part # DMMDB4A
Description  BI-DIRECTIONAL DIAC DB3 & DB4 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

DMMDB4A Datasheet(HTML) 1 Page - RFE international

  DMMDB4A Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C3CC03
BI-DIRECTIONAL DIAC
DB3 & DB4 Series
Parameters
Symbol
*(DMM)DB3 *(DMM)DB4
Units
28
35
V min
Breakover Voltage
V(BR)1, V(BR)2
32
40
V typ
36
45
V max
Breakover Voltage Symmetry
|V(BR)1|-|V(BR)2|
3
3
V max
Dynamic Breakback Voltage
I±V DI
5
5
V max
Breakover Current
I(BR)1 AND I(BR)2
50
50
mA max
Peak Pulse Current for
IP
2.0
2.0
A max
10ms, 120pps, TA£4°C
* DMMDB3 & DMMDB4 are DL-35 (mini-MELF).
DB3 & DB4 are DO-35.
DIMENSIONS
PART NUMBER EXAMPLE
CURVES
SPECIFICATIONS
DMM DB3 R
Packaging
R - Tape & Reel
A - Tape & Ammo
B - Bulk Packaging
Series
DM3 for 32 volts.
DM4 for 40 volts.
Surface mount.
Omit for thru hole.
Normalized VBO Change
vs Junction Temperature
+8
+6
+4
+2
0
-2
-4
-6
-8
-40
-20 0
+20 +40 +60 +80 +100 +120 +140
D28 32 35 40 50
D60
Test Circuit Waveforms
+V(80)
0
-V(80)
V+
t
V-
t
+IP
0
-IP
Repetitive Peak On-State
Current vs Pulse Duration
1.0
0.1
0.01
0.001
10
100
1000
10000
D60
Safe Operating Area
Pulse repetition rate = 120PPS
Tz= 40°C
D28 32 35 40 50
V-I Characteristics
CURRENT
VOLTAGE
Breakover
Voltage
Breakover
Current
-Vbo
+Vbo
Ibo
RF
200W
1%
VC
120V
RMS
60Hz
0.1mF
D.U.T.
Adjust for one firing in half cycle
Test Circuit
MINI-MELF Drawing (mm)
Cathode Mark
1.35±0.05
0.3±0.1
3.3±0.1
0.3±0.1
DO-35 Glass Case Outline Drawing (mm)
Cathode
2.0 Max
4.2 Max
A
A
f0.52
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - DMMDB4A

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
DMM CDE-DMM Datasheet
74Kb / 3P
Type DMM Polyester Film Capacitors
logo
DDK Ltd.
DMM-100G-432FNK31 DDK-DMM-100G-432FNK31 Datasheet
224Kb / 3P
DIMM Socket for Memory Expansion
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
DOUBLE BALANCED MIXERS
logo
DDK Ltd.
DMM-168FLAA1-1A233 DDK-DMM-168FLAA1-1A233 Datasheet
404Kb / 13P
DIMM Socket For Memory Expansion
DMM-168FLAA1-3A113 DDK-DMM-168FLAA1-3A113 Datasheet
404Kb / 13P
DIMM Socket For Memory Expansion
More results

Similar Description - DMMDB4A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDCA-16-30 ETC-BDCA-16-30 Datasheet
108Kb / 1P
Bi-Directional Coupler
logo
Sensitron
60KS200C SENSITRON-60KS200C Datasheet
67Kb / 3P
60KW / 90KW Bi-directional Series
logo
SYNERGY MICROWAVE CORPO...
KAP-241 SYNERGY-KAP-241 Datasheet
40Kb / 2P
BI-DIRECTIONAL COUPLERS
logo
Murata Manufacturing Co...
LXES03AAA1-098 MURATA-LXES03AAA1-098 Datasheet
175Kb / 3P
Bi-directional
logo
SYNERGY MICROWAVE CORPO...
KDS-30-30 SYNERGY-KDS-30-30 Datasheet
351Kb / 3P
BI-DIRECTIONAL COUPLER
SC5100BD SYNERGY-SC5100BD Datasheet
373Kb / 3P
BI-DIRECTIONAL COUPLER
SCL-1D-BD SYNERGY-SCL-1D-BD Datasheet
330Kb / 3P
Bi-directional coupler
SCS100800-20 SYNERGY-SCS100800-20 Datasheet
465Kb / 4P
BI-DIRECTIONAL COUPLER
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com