Electronic Components Datasheet Search
  English  ▼

X  

FSMD050-1206 Datasheet(PDF) 2 Page - RFE international

Part # FSMD050-1206
Description  Surface Mount PPTC FSMD1206 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FSMD050-1206 Datasheet(HTML) 2 Page - RFE international

  FSMD050-1206 Datasheet HTML 1Page - RFE international FSMD050-1206 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount PPTC
FSMD1206 Series
THERMAL DERATING CURVE
PAD LAYOUTS, SOLDER REFLOW AND REWORK RECOMMENDATIONS
TYPICAL TIME-TO-TRIP AT 23°C
The dimension in the table below provide the recommended pad layout for each FSMD1206 device
NOTE: All Specification subject to change without notice.
SOLDER REFLOW
1.9
1.0
1.0
2.0
Thermal Derating Curve, FSMD1206 Series
0%
50%
100%
150%
200%
-40
-20
0
20
40
60
80
Ambient Tempera ture (C)
A
B
C D
0.001
0.01
0.1
1
10
100
Fault current (A)
Z
0.1
1
10
100
NOMINAL PAD DIMENSIONS (MILLIMETERS)
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
Z = FSMD005-1206
A = FSMD010-1206
B = FSMD020-1206
C = FSMD035-1206
D = FSMD050-1206
Solder Reflow
Due to “Lead Free” nature, up to 40 seconds dwelling time for the soldering zone is strongly recommended.
1. Recommended reflow methods; IR, vapor phase oven, hot air oven.
2. The FSMD Series are suitable for use with wave-solder application methods. (Top side only)
3. Recommended maximum paste thickness is 0.25mm.
4. Devices can be cleaned by using standard industry methods and solvents.
5. Storage Environment: <30°C / 60%RH
Caution:
If reflow temperatures exceed the recommended profile, devices may not meet performance requirements.
Rework:
Use standard industry practices.
C5ED01
REV 2007.8.14
260 °C
217 °C
200 °C
150 °C
25 °C
f
60 to 180 Seconds
60 to 150 Seconds
Ramp-up
3°C/Second Max
20 to 40 Seconds
Ramp-down
6°C/Second Max
Preheat



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com