Electronic Components Datasheet Search
  English  ▼

X  

IC0604 Datasheet(PDF) 1 Page - RFE international

Part # IC0604
Description  SURFACE MOUNT INDUCTORS IC Series: Power Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IC0604 Datasheet(HTML) 1 Page - RFE international

  IC0604 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C4BC04
REV 2002.05.16
SURFACE MOUNT INDUCTORS
IC Series: Power Chokes
DIMENSIONS 0603, 0604, 0805 & 1006
PART NUMBER EXAMPLE:
IC0906 - 100 M R
A
B
C
* Test frequency is 1KHz.
**Add an “R” suffix for taped and reeled.
DIMENSIONS 0906
A
C
B
D
E
DC
Rated
DC
Rated
DC
Rated
DC
Rated
DC
Rated
Resistance Current
Resistance Current
Resistance Current
Resistance Current
Resistance Current
(uH)
Code
%
Code
W(max)
A(max)
%
Code
W(max)
A(max)
%
Code
W(max)
A(max)
%
Code
W(max)
A(max)
%
Code
W(max)
A(max)
1.5
1R5 20%
M
0.040
3.00
2.5
2R5 20%
M
0.045
2.35
3.3
3R3 20%
M
0.047
2.23
20%
M
0.060
2.00
3.9
3R9 20%
M
0.050
2.10
20%
M
0.065
1.90
4.7
4R7 20%
M
0.060
1.75
20%
M
0.070
1.80
5.0
5R0 20%
M
0.070
1.60
20%
M
0.073
1.75
5.6
5R6 20%
M
0.090
1.49
20%
M
0.075
1.70
6.8
6R8 20%
M
0.110
1.38
20%
M
0.080
1.60
7.5
7R5 20%
M
0.120
1.29
20%
M
0.085
1.55
8.2
8R2 20%
M
0.140
1.21
20%
M
0.090
1.50
10.0
100
20%
M
0.150
1.14
20%
M
0.100
1.45
20%
M
0.07
2.30
20%
M
0.09
2.10
20%
M
0.06
2.60
12.0
120
20%
M
0.160
1.02
20%
M
0.120
1.40
20%
M
0.08
2.00
20%
M
0.10
2.00
20%
M
0.07
2.45
15.0
150
20%
M
0.180
0.93
15%
L
0.140
1.30
20%
M
0.09
1.80
20%
M
0.11
1.90
20%
M
0.08
2.25
18.0
180
20%
M
0.250
0.82
15%
L
0.150
1.25
20%
M
0.10
1.60
20%
M
0.12
1.80
20%
M
0.09
2.15
22.0
220
20%
M
0.275
0.75
15%
L
0.190
1.10
20%
M
0.11
1.50
20%
M
0.13
1.60
20%
M
0.10
1.95
27.0
270
10%
K
0.300
0.67
15%
L
0.220
1.00
10%
K
0.12
1.30
10%
K
0.15
1.40
20%
M
0.11
1.75
33.0
330
10%
K
0.450
0.61
10%
K
0.250
0.88
10%
K
0.14
1.20
10%
K
0.18
1.25
10%
K
0.12
1.50
39.0
390
10%
K
0.460
0.56
10%
K
0.320
0.80
10%
K
0.16
1.10
10%
K
0.19
1.15
10%
K
0.14
1.35
47.0
470
10%
K
0.550
0.52
10%
K
0.370
0.72
10%
K
0.20
1.00
10%
K
0.23
1.10
10%
K
0.17
1.25
56.0
560
10%
K
0.615
0.48
10%
K
0.420
0.68
10%
K
0.24
0.94
10%
K
0.26
1.05
10%
K
0.19
1.15
68.0
680
10%
K
0.720
0.44
10%
K
0.520
0.62
10%
K
0.30
0.85
10%
K
0.31
1.00
10%
K
0.22
1.10
82.0
820
10%
K
0.840
0.40
10%
K
0.600
0.58
10%
K
0.37
0.78
10%
K
0.33
0.95
10%
K
0.25
1.00
100.0
101
10%
K
0.700
0.52
10%
K
0.45
0.72
10%
K
0.39
0.90
10%
K
0.35
0.97
120.0
121
10%
K
0.930
0.48
10%
K
0.48
0.66
10%
K
0.43
0.85
10%
K
0.40
0.89
150.0
151
10%
K
1.100
0.40
10%
K
0.68
0.58
10%
K
0.56
0.75
10%
K
0.47
0.78
180.0
181
10%
K
1.380
0.38
10%
K
0.77
0.51
10%
K
0.64
0.70
10%
K
0.63
0.72
220.0
221
10%
K
1.570
0.35
10%
K
0.96
0.49
10%
K
0.85
0.60
10%
K
0.73
0.66
270.0
271
10%
K
1.11
0.42
10%
K
1.00
0.55
10%
K
0.97
0.57
330.0
331
10%
K
1.26
0.40
10%
K
1.27
0.50
10%
K
1.15
0.52
390.0
391
10%
K
1.77
0.36
10%
K
1.40
0.45
10%
K
1.30
0.48
470.0
471
10%
K
1.96
0.34
10%
K
1.63
0.40
10%
K
1.48
0.42
560.0
561
10%
K
2.10
0.32
10%
K
1.90
0.33
680.0
681
10%
K
2.40
0.28
10%
K
2.25
0.28
820.0
821
10%
K
2.75
0.24
10%
K
2.55
0.24
1000.0 102
10%
K
3.50
0.22
1200.0 122
10%
K
4.00
0.20
Tolerance
IC0604
Inductance
IC1006
Tolerance
Tolerance
IC0906
Tolerance
IC0805
IC0603
Tolerance
Series
Dimension (mm)
A
B
C
D
E
IC0603 5.8 max 4.0max
1.8
IC0604 5.8 max 4.8 max
1.8
IC0805 7.8 max 5.3 max
2.6
IC0906 12.7±0.8 6.3±0.5 11.0±0.5 10.5±0 2.5±0.3
IC1006 9.8 max 5.8 max
2.9
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - IC0604

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
IC0603A102R-10 LSTD-IC0603A102R-10 Datasheet
86Kb / 1P
this print is the property of laird tech
IC0603A103R-10 LSTD-IC0603A103R-10 Datasheet
86Kb / 1P
this print is the property of laird tech
IC0603A182R-10 LSTD-IC0603A182R-10 Datasheet
88Kb / 1P
this print is the property of laird tech
IC0603A681R-10 LSTD-IC0603A681R-10 Datasheet
90Kb / 1P
this print is the property of laird tech
IC0603B181R-10 LSTD-IC0603B181R-10 Datasheet
85Kb / 1P
this print is the property of laird tech
More results

Similar Description - IC0604

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
23969 VICOR-23969 Datasheet
45Kb / 1P
Basket Chokes - Surface Mount Inductors for Power applications
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
Surface Mount Power Inductors
logo
API Delevan
PTHF10-50SM API-PTHF10-50SM Datasheet
2Mb / 2P
Surface Mount Toroidal Power Chokes
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com