Electronic Components Datasheet Search
  English  ▼

X  

IRB0507 Datasheet(PDF) 1 Page - RFE international

Part # IRB0507
Description  THRU-HOLE INDUCTORS IR Series: Radial Leaded, Low to Medium Current
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

IRB0507 Datasheet(HTML) 1 Page - RFE international

  IRB0507 Datasheet HTML 1Page - RFE international IRB0507 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C4C04
REV 2002.06.24
THRU-HOLE INDUCTORS
IR Series: Radial Leaded, Low to Medium Current
L
Tol
Code (mH)
Code
R22
0.22
M
R27
0.27
M
R33
0.33
M
R39
0.39
M
R47
0.47
M
R56
0.56
M
R68
0.68
M
R82
0.82
M
1R0
1.0
M
1R2
1.2
M
1R5
1.5
M
1R8
1.8
M
2R2
2.2
M
2R7
2.7
M
3R3
3.3
M
3R9
3.9
M
4R7
4.7
M
5R6
5.6
M
6R8
6.8
M
8R2
8.2
M
100
10
K
120
12
K
150
15
K
180
18
K
220
22
K
270
27
K
330
33
K
390
39
K
470
47
K
560
56
K
680
68
K
820
82
K
101
100
K
121
120
K
151
150
K
181
180
K
221
220
K
271
270
K
331
330
K
391
390
K
471
470
K
561
560
K
681
680
K
821
820
K
102
1000
K
122
1200
K
152
1500
K
182
1800
K
222
2200
K
272
2700
K
332
3300
K
392
3900
K
472
4700
K
562
5600
K
682
6800
K
822
8200
K
103 10000
M
223 22000
M
263 26000
M
303 30000
M
IRB0406 (Test Freq 1KHz)
SRF
Rdc Max Idc
Tol
Test Freq
SRF Rdc Max
Idc
Tol
Test Freq SRF Rdc Max
Idc
Tol
Test Freq SRF Rdc Max
Idc
(MHz)
(W)
(mA) Code
(MHz)
(MHz)
(W)
(mA) Code
(MHz)
(MHz)
(W)
(mA) Code
(MHz)
(MHz)
(W)
(A)
110.00
0.18
700
110.00
0.18
700
110.00
0.18
700
110.00
0.18
700
110.00
0.18
700
110.00
0.18
700
110.00
0.18
700
110.00
0.18
700
105.00
0.19
600
90.00
0.20
570
75.00
0.22
540
65.00
0.23
510
55.00
0.25
480
50.00
0.31
460
45.00
0.34
430
40.00
0.38
410
35.00
0.41
400
30.00
0.48
380
28.00
0.52
360
26.00
0.60
340
22.00
0.37
330
J, K
2.52
20.00
0.09
1100 J, K
2.52
17.00
0.13
780
J, K
2.52
16.00
0.07
4.0
19.00
0.45
320
J, K
2.52
18.00
0.10
1000 J, K
2.52
15.00
0.15
730
J, K
2.52
12.00
0.07
4.0
18.00
0.46
310
J, K
J, K
2.52
2.52
16.00
14.00
0.12
0.13
800
700
J, K
2.52
13.00
0.17
650
J, K
2.52
7.00
0.07
3.0
17.00
0.51
300
J, K
2.52
11.00
0.19
610
J, K
2.52
7.00
0.08
3.0
16.00
0.55
280
J, K
2.52
12.00
0.14
700
J, K
2.52
9.90
0.20
540
J, K
2.52
6.50
0.08
2.5
15.00
0.61
270
J, K
2.52
10.00
0.16
650
J, K
2.52
9.00
0.22
480
J, K
2.52
6.00
0.10
2.5
14.00
0.69
260
J, K
2.52
9.60
0.18
600
J, K
2.52
8.20
0.24
440
J, K
2.52
5.10
0.12
2.0
12.00
0.76
250
J, K
2.52
7.50
0.28
500
J, K
2.52
7.80
0.28
410
J, K
2.52
4.80
0.25
1.8
11.00
0.86
240
J, K
2.52
6.70
0.30
450
J, K
2.52
7.20
0.44
375
J, K
2.52
4.20
0.25
1.8
10.00
0.97
230
J, K
2.52
6.40
0.34
430
J, K
2.52
6.90
0.56
340
J, K
2.52
3.90
0.30
1.6
9.00
1.07
220
J, K
2.52
5.40
0.40
400
J, K
2.52
6.30
0.60
320
J, K
2.52
3.30
0.30
1.6
8.00
1.30
210
J, K
2.52
5.20
0.46
380
J, K
2.52
5.80
0.66
285
J, K
2.52
3.00
0.35
1.4
7.50
1.45
200
J, K
0.796
4.00
0.80
350
J, K
0.796
4.40
0.82
260
J, K
0.796
2.60
0.50
1.2
6.50
1.65
190
J, K
0.796
3.90
0.90
330
J, K
0.796
4.00
1.08
240
J, K
0.796
2.40
0.60
1.2
6.20
1.85
180
J, K
0.796
3.20
1.00
310
J, K
0.796
3.60
1.26
215
J, K
0.796
2.00
0.70
1.0
6.00
2.00
170
J, K
0.796
3.10
1.16
300
J, K
0.796
3.20
1.40
195
J, K
0.796
1.80
0.75
1.0
5.50
2.40
160
J, K
0.796
2.80
1.34
280
J, K
0.796
3.10
1.62
180
J, K
0.796
1.70
0.85
0.8
5.00
3.00
150
J, K
0.796
2.60
1.57
260
J, K
0.796
2.50
2.16
160
J, K
0.796
1.50
1.00
0.8
4.60
3.30
140
J, K
0.796
2.30
1.76
230
J, K
0.796
2.30
2.44
145
J, K
0.796
1.20
2.00
0.6
4.30
4.10
130
J, K
0.796
1.90
2.72
210
J, K
0.796
2.10
2.80
135
J, K
0.796
1.20
2.20
0.6
4.00
4.50
120
J, K
0.796
1.70
3.00
180
J, K
0.796
2.00
3.00
125
J, K
0.796
1.10
2.50
0.60
3.60
5.40
110
J, K
0.796
1.60
3.40
170
J, K
0.796
1.80
3.40
115
J, K
0.796
0.90
2.80
0.56
3.00
7.50
100
J, K
0.796
1.50
3.80
160
J, K
0.796
1.60
6.00
105
J, K
0.796
0.90
3.00
0.45
2.50
8.20
90
J, K
0.796
1.40
4.20
140
J, K
0.796
1.50
6.80
95
J, K
0.796
0.80
3.40
0.45
2.00
10.00
70
J, K
0.252
1.20
7.00
130
J, K
0.252
1.40
10.20
85
J, K
0.252
0.70
4.60
0.40
1.50
23.00
50
J, K
0.252
1.10
8.00
110
J, K
0.252
1.30
12.60
75
J, K
0.252
0.70
5.20
0.35
1.00
26.00
50
J, K
0.252
1.00
9.20
100
J, K
0.252
1.20
14.80
69
J, K
0.252
0.50
6.00
0.30
0.95
30.00
50
J, K
0.252
0.90
12.40
90
J, K
0.252
1.10
16.00
60
J, K
0.252
0.50
6.80
0.25
0.90
34.00
50
J, K
0.252
0.80
12.00
80
J, K
0.252
0.90
18.00
58
J, K
0.252
0.40
7.80
0.25
0.85
40.00
50
0.80
44.00
50
0.75
59.00
50
0.70
65.00
50
0.65
72.00
15
0.60
80.00
15
0.55
90.00
15
0.50
104.00
15
0.25
150.00
15
0.25
180.00
15
0.25
260.00
15
IRB0507
IRB0608
IRB0910
Tolerances: J = ±5%, K = ±10%, M = ±20%
Part Number
A max B max C min E max F ±0.5
W
IRB0406
5
7
20
2
2.1
0.50
IRB0507
6
8
5.5
2
2.5
0.60
IRB0608
7
9
4
2
3.5
0.60
IRB0910
9.5
11
4
3
5
0.60
SPECIFICATIONS
Physical Dimensions (mm)


Similar Part No. - IRB0507

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRB120 ETC-IRB120 Datasheet
824Kb / 1P
METAL CLAD ECONOMY RESISTROS
IRB60 ETC-IRB60 Datasheet
824Kb / 1P
METAL CLAD ECONOMY RESISTROS
IRB80 ETC-IRB80 Datasheet
824Kb / 1P
METAL CLAD ECONOMY RESISTROS
More results

Similar Description - IRB0507

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRH-03 ABRACON-AIRH-03 Datasheet
63Kb / 1P
THRU-HOLE RADIAL POWER INDUCTORS
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
logo
RFE international
IA0204 RFE-IA0204 Datasheet
78Kb / 1P
THRU-HOLE INDUCTORS IA Series: Axial Leaded, Low Current
logo
Vishay Siliconix
IH10EB101K VISHAY-IH10EB101K Datasheet
82Kb / 4P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHM-2 VISHAY-IHM-2_11 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IH VISHAY-IH Datasheet
83Kb / 3P
Filter Inductors, High Current, Radial Leaded
08-Aug-14
IHB VISHAY-IHB_V01 Datasheet
91Kb / 6P
Filter Inductors, High Current, Radial Leaded
26-Mar-14
IHM-2 VISHAY-IHM-2_V01 Datasheet
60Kb / 3P
Filter Inductors, High Current, Radial Leaded
04-Feb-11
IHV VISHAY-IHV_V01 Datasheet
76Kb / 3P
Filter Inductors, High Current, Radial Leaded
30-Apr-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com