Electronic Components Datasheet Search
  English  ▼

X  

RXB Datasheet(PDF) 1 Page - RFE international

Part # RXB
Description  ALUMINUM ELECTROLYTIC CAPACITORS RXB Series: Low ESR, High Temperature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RXB Datasheet(HTML) 1 Page - RFE international

  RXB Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
ALUMINUM ELECTROLYTIC CAPACITORS
RXB Series: Low ESR, High Temperature
•105C, 5000 hours assured
•Low ESR, suitable for switching power supplies, UPS, Ballast
•Smaller size with large permissible ripple current
SPECIFICATIONS
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
Dimension: jD x L (mm)
Ripple Current: mA/rms at 120Hz, 105°C
DIMENSIONS
Unit: mm
jD
P
jd
a
b
0.5
1.5
0.6
5.0
0.8
7.5
10
12.5
18
16
Leakage Current
(at 20°C)
Dissipation Factor
Tan d at 120Hz, 20°C
Low Temperature
Characteristics (at 120Hz)
Load Life Test
Test Time
Capacitance Change
Dissipation Factor
Leakage Current
Ripple Current &
Frequency Multipliers
Other Standards
Where, C= rated capacitance in mF. V= rated DC working voltage in V.
Shelf Life Test
JIS C 5101-4
5000 hours
Within ±20% of initial value
Less than 200% of specified value
The above specifications shall be satisfied when capacitors are restored to 20°C after
voltage with rated rippled current applied for 5000 hours at 105°C.
Within specified value
120
0.8
1K
1.0
1.15
10K
100K
up
1.25
Rated Voltage
Tan d (max)
200
0.20
250
0.20
350
0.24
0.14
400
450
0.24
Rated Voltage
Impedance
Ratio
Z(-25°C)/Z(+20°C)
Z(-40°C)/Z(+20°C)
Impedance ratio shall not exceed the values given in the table above.
200
3
4
250
3
4
350
3
4
400
5
6
450
6
Test time: 1000 hours; other items are the same as those for load life test.
Freq. (Hz)
jD (mm)
0.8
1.0
1.25
1.40
Operating Temp.
Capacitance Toloerance
± 20% (120Hz, 20°C)
Item
Performance
-40°C ~+105°C
Rated Voltage Range
-25°C ~+105°C
Leakage
Current
Time
After 5 minutes
CV£1000
I = 0.03CV (mA)
CV£1000
I = 0.03CV (mA)
10
12.5 ~ 18
mF
Content
V.DC
200V (2D)
jD x L
Ripple Current
120Hz 100KHz
250V (2E)
jD x L
Ripple Current
120Hz 100KHz
350V (2V)
jD x L
Ripple Current
120Hz 100KHz
400V (2G)
jD x L
Ripple Current
120Hz 100KHz
450V (2W)
jD x L
Ripple Current
120Hz 100KHz
2.2
3.3
4.7
6.8
10
22
33
47
68
100
120
150
180
220
270
330
10 x 16
10 x 20
12.5 x 20
12.5 x 25
16 x 25
16 x 25
16 x 31.5
16 x 31.5
18 x 31.5
18 x 35.5
18 x 40
18 x 45
47.5
80
154
200
259
319
361
490
424
578
648
735
190
320
440
570
740
910
1030
1210
1400
1650
1850
2100
10 x 16
12.5 x 20
16 x 25
16 x 25
16 x 31.5
18 x 31.5
18 x 35.5
18 x 40
18 x 45
12.5 x 20
47.5
137
147
217
259
350
399
473
536
623
190
390
420
620
740
1000
1140
1350
1530
1780
10 x 16
10 x 20
12.5 x 25
16 x 25
16 x 31.5
18 x 31.5
18 x 35.5
10 x 16
10 x 16
18 x 40
37.5
47.5
47
55
147
193
245
273
368
403
190
180
150
220
420
700
550
780
1050
1150
10 x 16
10 x 20
12.5 x 25
16 x 25
16 x 31.5
18 x 31.5
10 x 16
10 x 16
10 x 16
18 x 40
18 x 45
37.5
47
35
62.5
72.5
147
193
245
273
385
420
180
150
180
150
140
290
250
420
550
700
780
1100
1200
10 x 16
10 x 20
10 x 16
12.5 x 20
16 x 25
16 x 31.5
18 x 31.5
18 x 40
220
280
520
620
790
1020
38
45
55
98
182
217
277
357
200 ~ 400V
450V
C1CD04
2004.7.28
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - RXB

ManufacturerPart #DatasheetDescription
logo
Surge Components
RXB SURGE-RXB Datasheet
1Mb / 2P
rohs compliance
logo
Microchip Technology
RXB0CTRL MICROCHIP-RXB0CTRL Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXB0D0 MICROCHIP-RXB0D0 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXB0D1 MICROCHIP-RXB0D1 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXB0D2 MICROCHIP-RXB0D2 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
More results

Similar Description - RXB

ManufacturerPart #DatasheetDescription
logo
RFE international
RXC100M2GBK100200 RFE-RXC100M2GBK100200 Datasheet
126Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RXC Series: Low Impedance, High Temperature
RXJ101M1EBK080115 RFE-RXJ101M1EBK080115 Datasheet
185Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RXJ Series: Low Impedance, High Temperature
RXK221M1HBK100250 RFE-RXK221M1HBK100250 Datasheet
145Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RXK Series: Radial Low Impedance & ESR
RXW102M1CBK100200 RFE-RXW102M1CBK100200 Datasheet
159Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RXW Series: Low ESR Type
RXZ RFE-RXZ Datasheet
91Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXZ Series: Low ESR Type
RZD102M1CBK100200 RFE-RZD102M1CBK100200 Datasheet
120Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RZD Series: Radial Low ESR
logo
Vishay Siliconix
146-RTI VISHAY-146-RTI Datasheet
133Kb / 9P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
14-Feb-16
logo
Cornell Dubilier Electr...
SXR CDE-SXR Datasheet
127Kb / 6P
Low ESR, High Ripple, Radial Leaded Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
190RTL VISHAY-190RTL_V01 Datasheet
128Kb / 8P
Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
24-Apr-2020
logo
RFE international
RXJ RFE-RXJ Datasheet
2Mb / 6P
ALUMINUM ELECTROLYTIC CAPACITORS RXJ Series: Low Impedance, High Temperature
31-AUG-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com