Electronic Components Datasheet Search
  English  ▼

X  

RXF Datasheet(PDF) 1 Page - RFE international

Part # RXF
Description  ALUMINUM ELECTROLYTIC CAPACITORS RXF Series: 105 C up to 10,000 hours
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RXF Datasheet(HTML) 1 Page - RFE international

  RXF Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
ALUMINUM ELECTROLYTIC CAPACITORS
RXF Series: 105 °C up to 10,000 hours
SPECIFICATIONS
• 105°C, 8,000 ~ 10,000 hours assured
• Suitable for switching power supplies, UPS, Ballast
• Smaller size with large permissible ripple current
• RoHS Compliant
DIMENSIONS
Unit: mm
C1CD05
2008.2.19
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
j
a
b
D
10
12.5
16
18
P
d
7.5
5.0
1.5
0.6
0.8
0.5
j
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
Ripple Current: mA/rms at 105°C
Items
Rated Voltage Range
Operating Temperature Range
Capacitance Tolerance
Time
cv > 1000
I = 0.02cv + 25 (µA)
200
250
350
400
450
0.20 0.20 0.24 0.24
0.24
200
250
350
400
450
3
3
5
5
6
6
6
6
6
-
Capacitance Change
Dissipation Factor
Leakage Current
Capacitance Change
Dissipation Factor
Leakage Current
Freq. (Hz)
ÖD (mm)
10
0.25
0.61
0.88
1.0
12.5 ~ 18
0.35
0.66
0.89
1.0
Other Standards
100k
up
Ripple Current &
Frequency Multipliers
120
1k
10k
Dissipation Factor
(Tan ä at 120Hz, 20 °C)
Impedance
Ratio
Load Life Test
after 5 minutes
Shelf Life Test
Rated Voltage
Rated Voltage
Tan (max)
Low Temperature
Characteristics (at 120Hz)
Z (-25) / Z (+20°C)
Z (-40) / Z (+20°C)
after 1 minute
200 ~ 400V
450V
Performance
-40°C ~ +105°C
+20% (at 120Hz, 20°C)
Leakage Current
Where C = rated capacitance in µF. V = rated DC working voltage in V.
Impedance ratio shall not exceed the values given in the table below.
I = 0.1CV + 40 (µA)
CV < 1000
I = 0.04CV + 100 (µA)
CV > 1000
I = 0.03CV + 15 (µA)
CV < 1000
8,000 hrs for ÖD = 10mm; 10,000 hrs for ÖD >12.5mm
Within + 20% of initial value
Less than 200% of specified value
Within specified value
JIS C 5101-4
Leakage Current (at 20 °C)
* The above specifications shall be satisfied when the capacitors are restored to 20
°C after the rated voltage applied with rated
ripple current for 8,000 hrs / 10,000 hrs at 105
°C.
Test Time
* The above specifications shall be satisfied when the capacitors are restored to 20
°C after exposing them for 1,000 hrs at
105
°C without voltage applied. The rated voltage shall be applied to the capacitors before the measurements
(Refer to JIS C 5102).
Within + 20% of initial value
Less than 200% of specified value
Less than 500% of specified value
RoHS
ü
V.DC
120Hz 100kHz
120Hz
100kHz
120Hz 100kHz
120Hz 100kHz
120Hz
100kHz
10 x 20
90
240
10 x 20
140
350
10 x 20
140
350
12.5 x 20
180
450
12.5 x 20
220
550
12.5 x 25
240
600
10 x 20
200
500
12.5 x 20
200
500
12.5 x 20
260
650
12.5 x 25
260
650
16 x 25
290
725
16 x 20
270
680
18 x 20
280
705
12.5 x 20
260
650
12.5 x 25
320
800
16 x 20
360
900
16 x 25
360
900
16 x 31.5
390
975
18 x 20
450
1,125
18 x 25
380
950
12.5 x 20
390
975
12.5 x 25
390
975
16 x 25
430
1,075
16 x 31.5
470
1,175
18 x 31.5
480
1,200
16 x 20
405
1,015
18 x 20
420
1,045
18 x 25
455
1,135
12.5 x 25
470
1,175
16 x 25
520
1,300
16 x 31.5
560
1,400
16 x 35.5
575
1,445
18 x 31.5
630
1,575
16 x 20
490
1,225
18 x 20
505
1,265
18 x 25
550
1,375
18 x 31.5
585
1,465
16 x 25
630
1,420
16 x 31.5
680
1,530
18 x 31.5
700
1,575
18 x 35.5
765
1,720
18 x 20
615
1,385
18 x 25
655
1,480
16 x 31.5
840
1,890
18 x 31.5
860
1,935
18 x 31.5
1050
2,365
18 x 40
1,130
2,545
18 x 40
1430
3,220
450V (2W)
Ripple Current
Ripple Current
ÖD x L
ÖD x L
Ripple Current
350V (2V)
ÖD x L
400V (2G)
ÖD x L
250V (2E)
ÖD x L
Ripple Current
200V (2D)
Ripple Current
4.7
10
15
µF
Item
220
330
150
22
33
47
68
100


Similar Part No. - RXF

ManufacturerPart #DatasheetDescription
logo
Surge Components
RXF SURGE-RXF Datasheet
410Kb / 1P
rohs compliance
logo
Microchip Technology
RXF0EID0 MICROCHIP-RXF0EID0 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXF0EID8 MICROCHIP-RXF0EID8 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXF0SIDH MICROCHIP-RXF0SIDH Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
RXF0SIDL MICROCHIP-RXF0SIDL Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
More results

Similar Description - RXF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AEB106M2CJ32T-F CDE-AEB106M2CJ32T-F Datasheet
764Kb / 5P
SMT Aluminum Electrolytic Capacitors - High Voltage, 105 ?C
AFC226M06B12T CDE-AFC226M06B12T Datasheet
476Kb / 4P
SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C
AHA226M06B12T CDE-AHA226M06B12T Datasheet
458Kb / 5P
SMT Aluminum Electrolytic Capacitors 55 ?C to 105 ?C - Long Life
AHD107M10E16T CDE-AHD107M10E16T Datasheet
233Kb / 4P
SMT Aluminum Electrolytic Capacitors - Long Life, 105 ?C
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
105 ?C Radial Leaded Aluminum Electrolytic Capacitors
LP472M016A1P3 CDE-LP472M016A1P3 Datasheet
167Kb / 3P
105 ?C Snap-In Aluminum Electrolytic Capacitors
logo
RFE international
RXQ RFE-RXQ Datasheet
130Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS RXQ Series: 105C, up to 10,000 hours
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
RZW RFE-RZW Datasheet
1Mb / 6P
ALUMINUM ELECTROLYTIC CAPACITORS RZW Series: Low Impedance 105°C
16-NOV-2023
VEJ RFE-VEJ Datasheet
749Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series : SMD 105°C 2,000hrs
2021.10.27
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com