Electronic Components Datasheet Search
  English  ▼

X  

RXQ Datasheet(PDF) 1 Page - RFE international

Part # RXQ
Description  ALUMINUM ELECTROLYTIC CAPACITORS RXQ Series: 105C, up to 10,000 hours
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RXQ Datasheet(HTML) 1 Page - RFE international

  RXQ Datasheet HTML 1Page - RFE international RXQ Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
ALUMINUM ELECTROLYTIC CAPACITORS
RXQ Series: 105C, up to 10,000 hours
SPECIFICATIONS
• 105°C, 8,000 ~ 10,000 hours assured
• Suitable for switching power supplies, UPS, Ballast
• Smaller size with large permissible ripple current
• RoHS Compliant
DIMENSIONS
Unit: mm
C1CD06
2008.2.19
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
j
a
b
D
10
12.5
16
18
P
d
7.5
5.0
1.5
0.6
0.8
0.5
j
RoHS
ü
Items
Rated Voltage Range
Operating Temperature Range
Capacitance Tolerance
Time
cv > 1000
I = 0.02cv + 25 (µA)
200
250
350
400
450
0.20 0.20 0.24 0.24
0.24
200
250
350
400
450
3
3
5
5
6
6
6
6
6
-
Capacitance Change
Dissipation Factor
Leakage Current
Capacitance Change
Dissipation Factor
Leakage Current
Freq. (Hz)
ÖD (mm)
10
0.25
0.61
0.88
1.0
12.5 ~ 18
0.35
0.66
0.89
1.0
Other Standards
100k
up
Ripple Current &
Frequency Multipliers
120
1k
10k
Dissipation Factor
(Tan ä at 120Hz, 20 °C)
Impedance
Ratio
Load Life Test
after 5 minutes
Shelf Life Test
Rated Voltage
Rated Voltage
Tan ä (max)
Low Temperature
Characteristics (at 120Hz)
Z (-25) / Z (+20°C)
Z (-40) / Z (+20°C)
after 1 minute
160 ~ 400V
450V
Performance
-40°C ~ +105°C
+20% (at 120Hz, 20°C)
Leakage Current
Where C = rated capacitance in µF. V = rated DC working voltage in V.
Impedance ratio shall not exceed the values given in the table below.
I = 0.1CV + 40 (µA)
CV < 1000
I = 0.04CV + 100 (µA)
CV > 1000
I = 0.03CV + 15 (µA)
CV < 1000
8,000 hrs for ÖD = 10mm; 10,000 hrs for ÖD >12.5mm
Within + 20% of initial value
Less than 200% of specified value
Within specified value
JIS C 5101-4
Leakage Current (at 20 °C)
* The above specifications shall be satisfied when the capacitors are restored to 20
°C after the rated voltage applied with rated
ripple current for 8,000 hrs / 10,000 hrs at 105
°C.
Test Time
* The above specifications shall be satisfied when the capacitors are restored to 20
°C after exposing them for 1,000 hrs at
105
°C without voltage applied. The rated voltage shall be applied to the capacitors before the measurements
(Refer to JIS C 5102).
Within + 20% of initial value
Less than 200% of specified value
Less than 500% of specified value
-25°C ~ +105°C


Similar Part No. - RXQ

ManufacturerPart #DatasheetDescription
logo
Surge Components
RXQ SURGE-RXQ Datasheet
1Mb / 2P
rohs compliance
logo
Rohm
RXQ040N03 ROHM-RXQ040N03 Datasheet
1Mb / 7P
4V Drive Nch MOSFET
logo
VBsemi Electronics Co.,...
RXQ040N03 VBSEMI-RXQ040N03 Datasheet
487Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
rfsolutions.ltd
RXQ1 RFSOLUTIONS-RXQ1 Datasheet
351Kb / 12P
FM NARROW BAND TRANSCEIVERS
More results

Similar Description - RXQ

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
AVEK226M06B12T-F CDE-AVEK226M06B12T-F Datasheet
192Kb / 3P
Very Long Life - 5000 Hours - SMT Aluminum Electrolytic Capacitors
logo
Illinois Capacitor, Inc...
474KBM050M ILLINOISCAPACITOR-474KBM050M Datasheet
412Kb / 3P
10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
685KFM400M ILLINOISCAPACITOR-685KFM400M Datasheet
391Kb / 2P
105째C 10,000 Hour Radial Lead Aluminum Electrolytic Capacitors
logo
RFE international
RGA221M1HBK100200 RFE-RGA221M1HBK100200 Datasheet
197Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS RGA Series: Radial High Temperature, 105C
RXF RFE-RXF Datasheet
100Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS RXF Series: 105 C up to 10,000 hours
VEJ101M1ETR080100 RFE-VEJ101M1ETR080100 Datasheet
84Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series: Surface Mount Type, 105C
VEL100M1CTR040057 RFE-VEL100M1CTR040057 Datasheet
77Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS VEL Series: Surface Mount Type, 105C
VES100M1ETR050053 RFE-VES100M1ETR050053 Datasheet
83Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS VES Series: Surface Mount Type,105C
VGA101M0JTR063057 RFE-VGA101M0JTR063057 Datasheet
115Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS VGA Series: SMT, 105C Extended Range
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com