Electronic Components Datasheet Search
  English  ▼

X  

RZF Datasheet(PDF) 1 Page - RFE international

Part # RZF
Description  ALUMINUM ELECTROLYTIC CAPACITORS RZF Series: Low Impedance Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RZF Datasheet(HTML) 1 Page - RFE international

  RZF Datasheet HTML 1Page - RFE international RZF Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
ALUMINUM ELECTROLYTIC CAPACITORS
RZF Series: Low Impedance Type
SPECIFICATIONS
Long life, 105°C, 3000 ~ 10000 hours assured
Low impedance at 100KHz with selected materials
•
•
DIMENSIONS
Unit: mm
Operating Temp.
Capacitance Toloerance
Leakage Current
(at 20°C)
Dissipation Factor
Tan d at 120Hz, 20°C
Low Temperature
Characteristics (at 120Hz)
Load Life Test
Test Time
Ripple Current &
Frequency Multipliers
Item
Shelf Life Test
Standards
3000 hours for jD £ 6.3mm
6000 hours for jD =8~10mm
8000 hours for jD ³12.5mm
Rated Voltage
Tan d (max)
6.3
0.22
10
0.19
16
0.16
Rated Voltage
Impedance
Ratio
Z(-25°C)/Z(+20°C)
Z(-40°C)/Z(+20°C)
Impedance ratio shall not exceed
the values given in the table.
6.3
10
16
When the capacitance exceeds 1000mF,
0.02 shall be added every 1000mF increase.
2
25
0.14
35
0.12
2
3
2
3
25
35
Under 270
0.50
0.73
0.92
1.0
330 to 680
0.55
0.77
0.94
1.0
820 to 1800
0.60
0.80
0.96
1.0
2200 up above
0.70
0.85
0.98
1.0
Freq. (Hz)
Cap. (mF)
120
1K
10K
100K
4
6
3
8
4
Ripple Current &
Frequency Multipliers
Temperature (°C)
Multiplier
Under 65
85
105
2.1
1.7
1.0
1.7
4000 hours for jD £ 6.3mm
6000 hours for jD =8mm
8000 hours for
10000 hours for
jD =10mm
jD ³12.5mm
6.3 ~ 10
16 ~ 35
Rated Voltage
Capacitance Change
Dissipation Factor
Leakage Current
Test Time
± 20% (120Hz, 20°C)
Performance
-40°C ~ +105°C
I = 0.01CV or 3 (mA) whichever is greater (after 2 minutes)
Where, C= rated capacitance in
. V= rated DC working voltage in V.
mF
Satisfies Characteristic JIS C 5101-4
Capacitance Change
Dissipation Factor
Leakage Current
Within ±25% of initial value
Less than 200% of specified value
Within specified value
The above specifications shall be satisfied when capacitors are restored to 20°C after
the rated voltage applied with rated ripple current for test time at 105°C.
Within ±25% of initial value
Less than 200% of specified value
Within specified value
The above specifications shall be satisfied when the capacitors are restored to
20°C after exposing them for 1000 hours at 105°C without voltage applied.
1000 hours
jD
P
jd
a
b
0.6
0.5
1.0
1.5
0.5
0.8
7.5
5.0
5.0
3.5
2.5
2.0
5
6.3
8
10
12.5
16
7.5
18
C1CD12
REV 2004.8.5
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - RZF

ManufacturerPart #DatasheetDescription
logo
Surge Components
RZF SURGE-RZF Datasheet
738Kb / 2P
rohs compliance
logo
TE Connectivity Ltd
RZF TEC-RZF Datasheet
619Kb / 4P
Power PCB Relay RZF
logo
Taiyo Yuden (U.S.A.), I...
RZF-10V101MF61U-R2 TAIYO-YUDEN-RZF-10V101MF61U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-10V101MF61UQ-R2 TAIYO-YUDEN-RZF-10V101MF61UQ-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-10V221MF80U-R2 TAIYO-YUDEN-RZF-10V221MF80U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
More results

Similar Description - RZF

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RZF-35V221MG10U-R2 TAIYO-YUDEN-RZF-35V221MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-35V331MH10U-R2 TAIYO-YUDEN-RZF-35V331MH10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-10V101MF61U-R2 TAIYO-YUDEN-RZF-10V101MF61U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-10V221MF80U-R2 TAIYO-YUDEN-RZF-10V221MF80U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-10V331MG10U-R2 TAIYO-YUDEN-RZF-10V331MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-10V471MG10U-R2 TAIYO-YUDEN-RZF-10V471MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-10V681MH10U-R2 TAIYO-YUDEN-RZF-10V681MH10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-16V101MF61U-R2 TAIYO-YUDEN-RZF-16V101MF61U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-16V470MF61U-R2 TAIYO-YUDEN-RZF-16V470MF61U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
RZF-25V470MF61U-R2 TAIYO-YUDEN-RZF-25V470MF61U-R2 Datasheet
252Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RZF]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com