Electronic Components Datasheet Search
  English  ▼

X  

RZY Datasheet(PDF) 2 Page - RFE international

Part # RZY
Description  ALUMINUM ELECTROLYTIC CAPACITORS RZY Series: Low Impedance Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RZY Datasheet(HTML) 2 Page - RFE international

  RZY Datasheet HTML 1Page - RFE international RZY Datasheet HTML 2Page - RFE international RZY Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS & PERMISSIBLE RIPPLE CURRENT
RFE International • Tel:(949)583-0808 • Fax:(949)583-9898 • E-Mail Sales@rfeinc.com
RFE International • Tel:(949)583-0808 • Fax:(949)583-9898 • E-Mail Sales@rfeinc.com
ALUMINUM ELECTROLYTIC CAPACITORS
RZY Series: Low Impedance Type
Dimension: öDxL (mm)
Ripple Current: mA/rms at 100Hz, 105°C
V.DC
Item
µF
W
°
°
°
°
°
°
°
°
°
W
W
j
j
j
20 C
-10 C
120Hz
100KHz
20 C
-10 C
120Hz
100KHz
20 C
-10 C
120Hz
100KHz
56
5 x 11
0.58
2.3
84
210
100
5 x
11
0.58
2.3
84
210
120
6.3 x 11
0.22
0.87
136
340
150
5 x 11
0.58
2.3
84
210
220
6.3 x
11
0.22
0.87
170
340
8 x 11.5
0.13
0.52
320
640
6.3 x 11
0.22
0.87
170
340
8 x 16
0.087
0.35
420
840
8 x 11.5
0.13
0.52
320
640
10 x 12.5
0.08
0.32
432
865
8 x 11.5
0.13
0.52
384
640
8 x
16
0.087
0.35
504
840
8 x 20
0.069
0.27
630
1050
10 x 12.5
0.08
0.32
519
865
10 x 12.5
0.080
0.32
519
865
10 x 16
0.06
0.24
726
1210
8 x 16
0.087
0.35
504
840
8 x
20
0.069
0.27
630
1,050
10 x 20
0.046
0.18
840
1,400
10 x
16
0.060
0.24
726
1,210 12.5 x 16
0.049
0.16
870
1,450
8 x 20
0.069
0.27
630
1,050
10 x
20
0.046
0.18
840
1,400
10 x 25
0.042
0.17
990
1,650
10 x 16
0.060
0.24
726
1,210
10 x 20
0.046
0.18
840
1,400
10 x
25
0.042
0.17
990
1,650
10 x 30
0.031
0.12
1,146
1,910
12.5 x
16
0.049
0.16
870
1,450 12.5 x 20
0.035
0.12
1,140
1,900
16 x 16
0.042
0.12
1,164
1,940
1,800
12.5 x 16
0.049
0.16
870
1,450
10 x 25
0.042
0.17
1,238
1,650
10 x
30
0.031
0.12
1,432
1,910 12.5 x 25
0.027
0.089
1,673
2,230
12.5 x
20
0.035
0.12
1,425
1,900
18 x 16
0.043
0.11
1,658
2,210
16 x
16
0.042
0.12
1,455
1,940
10 x 30
0.031
0.12
1,432
1,910
18 x
16
0.043
0.11
1,657
2,210 12.5 x 30
0.024
0.078
1,988
2,650
16 x 16
0.042
0.12
1,455
1,940
16 x 20
0.027
0.078
1,898
2,530
3,300
13 x 20
0.035
0.12
1,425
1,900
12.5 x
25
0.027
0.089
1,672
2,230 12.5 x 35
0.020
0.065
2,160
2,880
13 x 25
0.027
0.089
1,672
2,230
12.5 x
30
0.024
0.078
1,987
2,650 12.5 x 40
0.017
0.056
2,513
3,350
18 x 16
0.043
0.11
1,657
2,210
16 x
20
0.027
0.078
1,897
2,530
16 x 25
0.021
0.060
2,198
2,930
18 x 20
0.026
0.067
2,145
2,860
12.5 x 30
0.024
0.078
2,252
2,650
12.5 x
35
0.020
0.065
2,448
2,880
16 x 31.5
0.017
0.050
2,933
3,450
18 x 25
0.019
0.049
2,669
3,140
12.0 x 35
0.020
0.065
2,448
2,880
12.5 x
40
0.017
0.056
2,847
3,350
16 x 35.5
0.015
0.044
3,069
3,610
16 x 20
0.027
0.078
2,150
2,530
16 x
25
0.021
0.060
2,490
2,930
18 x 31.5
0.015
0.040
3,545
4,170
18 x
20
0.026
0.067
2,431
2,860
12.5 x 40
0.017
0.056
2,847
3,350
16 x 31.5
0.017
0.050
2,932
3,450
16 x 40
0.013
0.038
3,468
4,080
16 x 25
0.021
0.060
2,490
2,930
18 x
25
0.019
0.049
2,669
3,140
18 x 20
0.026
0.067
2,431
2,860
16 x 31.5
0.017
0.050
2,932
3,450
16 x 35.5
0.015
0.044
3,068
3,610
18 x 35.5
0.014
0.038
3,587
4,220
18 x 31.5
0.015
0.040
3,544
4,170
16 x 35.5
0.015
0.044
3,068
3,610
16 x
40
0.013
0.038
3,468
4,080
18 x 40
0.012
0.032
3,638
4,280
18 x 25
0.019
0.049
2,669
3,140
18 x 35.5
0.014
0.038
3,587
4,220
16 x 40
0.013
0.038
3,468
4,080
18 x
40
0.012
0.032
3,638
4,280
18 x 31.5
0.015
0.040
3,544
4,170
15,000
18 x 35.5
0.014
0.038
3,587
4,220
18,000
18 x 40
0.012
0.032
3,638
4,280
16V (1C)
Impedance
( Max/100K Hz)
Ripple Current
(MA/rms, 105 C)
D x L
10V (1A)
Impedance
( Max/100K Hz)
Ripple Current
(MA/rms, 105 C)
D x L
Ripple Current
(MA/rms, 105 C)
Impedance
( Max/100K
Hz)
6.3V (0J)
D x L
12,000
10,000
8,200
6,800
5,600
4,700
3,900
2,700
2,200
1,500
1,200
330
470
680
1,000
C1CD13
2007.3.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com