Electronic Components Datasheet Search
  English  ▼

X  

SA75A Datasheet(PDF) 1 Page - RFE international

Part # SA75A
Description  TVS DIODE Electrical Characteristics SA & 5KP Series: 5 to 180 Volts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SA75A Datasheet(HTML) 1 Page - RFE international

  SA75A Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C5DC04
REV 2001
TVS DIODE Electrical Characteristics
SA & 5KP Series: 5 to 180 Volts
Transient Voltage Suppressor (500W & 5000W)
5
5
6.4
7.3
10
53.1
600
6.4
7.3
50
522.0
5000
9.6
5.0A
5
6.4
7.0
10
55.4
600
6.4
7.0
50
544.0
5000
9.2
6
6
6.67
8.2
10
44.7
600
6.67
8.2
50
439.0
5000
11.4
6.0A
6
6.67
7.4
10
49.5
600
6.67
7.4
50
486.0
5000
10.3
6.5
6.5
7.22
8.8
10
41.5
400
7.22
8.8
50
407.0
2000
12.3
6.5A
6.5
7.22
8.0
10
45.5
400
7.22
8.0
50
447.0
2000
11.2
7
7
7.78
9.5
10
38.3
150
7.78
9.5
50
377.0
1000
13.3
7.0A
7
7.78
8.6
10
42.5
150
7.78
8.6
50
417.0
1000
12.0
7.5
7.5
8.33
10.2
1
35.7
50
8.33
10.2
5
350.0
250
14.3
7.5A
7.5
8.33
9.2
1
39.5
50
8.33
9.2
5
388.0
250
12.9
8
8
8.89
10.9
1
34.0
25
8.89
10.9
5
334.0
150
15.0
8.0A
8
8.89
9.8
1
37.5
25
8.89
9.8
5
368.0
150
13.6
8.5
8.5
9.44
11.5
1
32.1
10
9.44
11.5
5
315.0
50
15.9
8.5A
8.5
9.44
10.4
1
35.4
10
9.44
10.4
5
348.0
50
14.4
9
9
10
12.2
1
30.2
5
10
12.2
5
296.0
20
16.9
9.0A
9
10
11.1
1
33.1
5
10
11.1
5
325.0
20
15.4
10
10
11.1
13.6
1
27.1
3
11.1
13.6
5
266.0
15
18.8
10A
10
11.1
12.3
1
30.0
3
11.1
12.3
5
295.0
15
17.0
11
11
12.2
14.9
1
25.4
3
12.2
14.9
5
249.0
10
20.1
11A
11
12.2
13.5
1
28.0
3
12.2
13.5
5
275.0
10
18.2
12
12
13.3
16.3
1
23.2
3
13.3
16.3
5
228.0
10
22.0
12A
12
13.3
14.7
1
25.6
3
13.3
14.7
5
252.0
10
19.9
13
13
14.4
15.9
1
23.7
3
14.4
17.6
5
210.0
10
23.8
13A
13
14.4
17.6
1
21.4
3
14.4
15.9
5
233.0
10
21.5
14
14
15.6
19.1
1
19.8
3
15.6
19.1
5
194.0
10
25.8
14A
14
15.6
17.2
1
22.0
3
15.6
17.2
5
216.0
10
23.2
15
15
16.7
20.4
1
19.0
3
16.7
20.4
5
186.0
10
26.9
15A
15
16.7
18.5
1
20.9
3
16.7
18.5
5
205.0
10
24.4
16
16
17.8
21.8
1
17.7
3
17.8
21.8
5
174.0
10
28.8
16A
16
17.8
19.7
1
19.6
3
17.8
19.7
5
193.0
10
26.0
17
17
18.9
23.1
1
16.7
3
18.9
23.1
5
164.0
10
30.5
17A
17
18.9
20.9
1
18.5
3
18.9
20.9
5
181.0
10
27.6
18
18
20
24.4
1
15.8
3
20
24.4
5
155.0
10
32.2
18A
18
20
22.1
1
17.5
3
20
22.1
5
172.0
10
29.2
20
20
22.2
27.1
1
14.2
3
22.2
27.1
5
140.0
10
35.8
20A
20
22.2
24.5
1
15.7
3
22.2
24.5
5
154.0
10
32.4
22
22
24.4
29.8
1
12.9
3
20.4
29.8
5
127.0
10
39.4
22A
22
24.4
26.9
1
14.4
3
24.4
26.9
5
141.0
10
35.5
24
24
26.7
32.6
1
11.9
3
26.7
32.6
5
116.0
10
43.0
24A
24
26.7
29.5
1
13.1
3
26.7
29.5
5
129.0
10
38.9
26
26
28.9
35.3
1
10.9
3
28.9
35.3
5
107.0
10
46.6
26A
26
28.9
31.9
1
12.1
3
28.9
31.9
5
119.0
10
42.1
28
28
31.1
38.0
1
10.2
3
31.1
38.0
5
100.0
10
50.1
28A
28
31.1
34.4
1
11.2
3
31.1
34.4
5
110.0
10
45.4
30
30
33.3
40.7
1
9.5
3
33.3
40.7
5
93.6
10
53.5
30A
30
33.3
36.8
1
10.5
3
33.3
36.8
5
103.0
10
48.4
33
33
36.7
44.9
1
8.6
3
36.7
44.9
5
84.8
10
59.0
33A
33
36.7
40.6
1
9.6
3
36.7
40.6
5
93.9
10
53.3
36
36
44.4
54.3
1
7.1
3
40
48.9
5
77.8
10
64.3
36A
36
40
48.9
1
7.9
3
40
44.2
5
86.1
10
58.1
40
40
40
44.2
1
8.8
3
44.4
54.3
5
70.1
10
71.4
40A
40
44.4
49.1
1
7.9
3
44.4
49.1
5
77.6
10
64.5
43
43
47.8
58.4
1
6.6
3
47.8
58.4
5
65.2
10
76.7
43A
43
50
61.1
1
6.4
3
47.8
52.8
5
72.1
10
69.4
45
45
47.8
52.8
1
7.3
3
50
61.1
5
62.3
10
80.3
45A
45
50
55.3
1
7.0
3
50
55.3
5
68.8
10
72.7
48
48
53.3
65.2
1
6.0
3
53.3
65.2
5
58.5
10
85.5
48A
48
53.3
58.9
1
6.6
3
53.3
58.9
5
64.7
10
77.4
51
51
56.7
62.7
1
6.2
3
56.7
69.3
5
54.9
10
91.1
51A
51
56.7
69.3
1
5.6
3
56.7
62.7
5
60.7
10
82.4
54
54
60
73.3
1
5.3
3
60
73.3
5
52.0
10
96.3
54A
54
60
66.3
1
5.9
3
60
66.3
5
57.5
10
87.1
58
58
64.4
78.7
1
5.0
3
64.4
78.7
5
48.6
10
103.0
58A
58
64.4
71.2
1
5.4
3
64.4
71.2
5
53.5
10
93.6
60
60
66.7
81.5
1
4.8
3
66.7
81.5
5
46.8
10
107.0
60A
60
66.7
73.7
1
5.3
3
66.7
73.7
5
51.7
10
96.8
64
64
71.1
86.9
1
4.5
3
71.1
86.9
5
43.9
10
114.0
64A
64
71.1
78.6
1
5.0
3
71.1
78.6
5
48.6
10
103.0
70
70
77.8
95.1
1
4.1
3
77.8
95.1
5
40.0
10
125.0
70A
70
77.8
86.0
1
4.5
3
77.8
86.0
5
44.3
10
113.0
75
75
83.3
102.0
1
3.8
3
83.3
102.0
5
37.4
10
134.0
75A
75
83.3
92.1
1
4.2
3
83.3
92.1
5
41.4
10
121.0
78
78
86.7
106.0
1
3.7
3
86.7
106.0
5
36.0
10
139.0
78A
78
86.7
95.8
1
4.0
3
86.7
95.8
5
39.7
10
126.0
85
85
94.4
115.0
1
3.4
3
94.4
115.0
5
33.2
10
151.0
85A
85
94.4
104.0
1
3.7
3
94.4
104.0
5
36.5
10
137.0
90
90
100
122.0
1
3.2
3
100
122.0
5
31.3
10
160.0
90A
90
100
111.0
1
3.5
3
100
111.0
5
34.3
10
146.0
100
100
111
136.0
1
2.8
3
111
136.0
5
28.0
10
179.0
100A
100
111
123.0
1
3.1
3
111
123.0
5
30.9
10
162.0
110
110
122
149.0
1
2.6
3
122
149.0
5
25.6
10
196.0
I1OA
110
122
135.0
1
2.9
3
122
135.0
5
28.3
10
177.0
120
120
133
163.0
1
2.4
3
133
163.0
5
23.4
10
214.0
120A
120
144
159.0
1
2.4
3
133
147.0
5
26.0
10
193.0
130
130
133
147.0
1
2.6
3
144
176.0
5
21.8
10
230.0
130A
130
144
176.0
1
2.2
3
144
159.0
5
24.0
10
209.0
150
150
167
204.0
1
1.9
3
167
204.0
5
18.7
10
268.0
150A
150
167
185.0
1
2.1
3
167
185.0
5
20.6
10
243.0
160
160
178
218.0
1
1.7
3
178
218.0
5
17.5
10
287.0
160A
160
189
231.0
1
1.7
3
178
197.0
5
19.3
10
259.0
170
170
178
197.0
1
2.0
3
189
231.0
5
16.5
10
304.0
170A
170
189
209.0
1
1.9
3
189
209.0
5
18.2
10
275.0
180
180
200
244.0
1
1.6
3
200
244.0
5
15.7
10
320.0
180A
180
200
233.0
1
1.7
3
200
233.0
5
17.3
10
289.0
Series: SA (500W PPK)
Break
Down
Voltage
Code
Outline
(Max in inches)
Series: 5KP (5000W PPK)
Reverse
Stand-Off
Voltage
VRWM ( V )
Maximum
Clamping
Voltage
@ lpp Vc (V)
Peak
Pulse
Current
Ipp (A)
Reverse
Leakage
@
VRWM
VBR (V) @ IT
Test
Current
IT (mA)
MIN.
MAX.
Breakdown Voltage
Operating Temperature: -55 C to +175 C
Peak
Pulse
Current
Ipp (A)
VBR (V) @ IT
MIN.
MAX.
Test
Current
IT (mA)
Breakdown Voltage
Reverse
Leakage
@ VRWM
IR (pA)
DO-15
FOR SA
SA75A
PART NUMBER EXAMPLE
FOR 5KP
5KP75A
PART NUMBER EXAMPLE
P-600
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - SA75A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SA75A MOTOROLA-SA75A Datasheet
50Kb / 3P
MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Pan Jit International I...
SA75A PANJIT-SA75A Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA75A WTE-SA75A Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA75A BYTES-SA75A Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA75A DCCOM-SA75A Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA75A

ManufacturerPart #DatasheetDescription
logo
RFE international
P4KE12AR RFE-P4KE12AR Datasheet
61Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR DIODE P4KE, SA, P6KE, 1.5KE, 5KP; 400W to 5000W PPK
SMAJ5.0 RFE-SMAJ5.0 Datasheet
55Kb / 1P
SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
SMAJ33 RFE-SMAJ33 Datasheet
55Kb / 1P
SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
logo
Shanghai Yint Electroni...
5KP YINT-5KP Datasheet
876Kb / 5P
5KP Transient Voltage Suppressor Diode Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com