Electronic Components Datasheet Search
  English  ▼

X  

SF64 Datasheet(PDF) 1 Page - RFE international

Part # SF64
Description  LEADED (THRU-HOLE): Super Fast & Schottky Rectifiers, Switching Diodes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SF64 Datasheet(HTML) 1 Page - RFE international

  SF64 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C3CA04
LEADED (THRU-HOLE): Super Fast &
Schottky Rectifiers, Switching Diodes
SCHOTTKY RECTIFIERS
Operating Temperature: -65°C to 125°C
RF
Cross-
Max. Average Peak Inverse Peak Fwd. Surge
Max.Forward
Max.Reverse
Package
Outline
Part No.
Reference
Rectified
Voltage
Current @ 8.3ms Voltage @ Ta 25oC
Current @ 25oC
(Max in inches)
Current
Superimposed
@Rated Io
@Rated PIV
Io(A)
PIV(V)
IFSM(A)
VFM(V)
IR(mA)
Bulk/Reel
1N5817
1N5817
1.0 A
20
25
0.45
1
1000/5000
1N5818
1N5818
1.0 A
30
25
0.55
1
1000/5000
1N5819
1N5819
1.0 A
40
25
0.6
1
1000/5000
SR102
SB120
1.0 A
20
40
0.55
1
1000/5000
SR103
SB130
1.0 A
30
40
0.55
1
1000/5000
SR104
SB140
1.0 A
40
40
0.55
1
1000/5000
SR105
SB150
1.0 A
50
40
0.7
1
1000/5000
SR106
SB160
1.0 A
60
40
0.7
1
1000/5000
1N5820
1N5820
3.0 A
20
80
0.475
2
500/1250
1N5821
1N5821
3.0 A
30
80
0.50
2
500/1250
1N5822
1N5822
3.0 A
40
80
0.525
2
500/1250
SR302
SB320
3.0 A
50
80
.55
.55
.75
.75
.75
.57
.57
.57
.70
.70
.55
.55
.55
.70
.70
1
500/1250
SR303
SB330
3.0 A
60
80
1
500/1250
SR304
SB340
3.0 A
20
80
1
500/1250
SR305
SB350
3.0 A
30
80
1
500/1250
SR306
SB360
3.0 A
40
80
1
500/1250
SR502
SB520
5.0 A
50
150
1
500/1250
SR503
SB530
5.0 A
60
150
1
500/1250
SR504
SB540
5.0 A
20
150
1
500/1250
SR505
SB550
5.0 A
30
150
1
500/1250
SR506
SB560
5.0 A
40
150
1
500/1250
SRA820
8.0 A
50
150
1
2000/-
SRA830
8.0 A
60
150
1
2000/-
SRA840
8.0 A
20
150
1
2000/-
SRA850
8.0 A
30
150
1
2000/-
SRA860
8.0 A
40
150
1
2000/-
TO-220A
DO-41
DO-201AD
SWITCHING DIODE
Operating Temperature: -65°C to 125°C
RF
Cross
Power
Peak Inverse
Continuous
Forward
Capacitance
Reverse
Package
Outline
Part Number Reference Dissipation
Voltage
Rev. Current
Voltage
C Max.
Recovery Time
(Max in Inches)
Pd(mW)
VZM(V)
IR(nA)@VR(V) VF(V)@IF(mA)
(pF)
TRR(nS)
Bulk/Reel
1N914B
250mW
100
5000@75
1.0@10
4
4
1000/10000
1N4148
500mW
100
5000@75
1.0@10
4
4
1000/10000
1N4448
500mW
100
5000@75
1.0@100
4
4
1000/10000
SUPER FAST RECTIFIERS
Operating Temperature: -65°C to 125°C
RF
Cross
Max Avg.
Peak
Peak Fwd Surge
Max Forward
Package
Outline
Part Number Reference Rectified Inverse Current @ 8.3ms Voltage @ 25°C
(Max in inches)
Current
Voltage
Superimposed
@ Rated IO
IO(A)
PIV(V)
IFSM(A)
VFM(V)
Reverse
Recovery Time
@ Rated PIV
TRR(ns)
Max Reverse
Current @ 25°C
@ Rated PIV
IR(mA)
Bulk/Reel
SF61
6.0 A
50
150
0.975
500/1250
SF62
6.0 A
100
150
0.975
500/1250
SF63
6.0 A
150
150
0.975
500/1250
SF64
6.0 A
200
150
0.975
500/1250
SF65
6.0 A
300
150
1.300
500/1250
SF66
6.0 A
400
150
1.300
500/1250
SFA81G
8.0 A
50
125
0.975
50/Tube
SFA82G
8.0 A
100
125
0.975
50/Tube
SFA83G
8.0 A
150
125
0.975
50/Tube
SFA84G
8.0 A
200
125
0.975
50/Tube
SFA85G
8.0 A
300
125
1.300
50/Tube
SFA86G
8.0 A
400
125
1.300
50/Tube
SFA1601G
16.0 A
50
200
0.975
50/Tube
SFA1602G
16.0 A
100
200
0.975
50/Tube
SFA1603G
16.0 A
150
200
0.975
50/Tube
SFA1604G
16.0 A
200
200
0.975
50/Tube
SFA1605G
16.0 A
300
200
1.300
50/Tube
SFA1606G
16.0 A
400
200
1.300
50/Tube
SF1601G
16.0 A
50
125
0.975
50/Tube
SF1602G
16.0 A
100
125
0.975
50/Tube
SF1603G
16.0 A
150
125
0.975
50/Tube
SF1604G
16.0 A
200
125
0.975
50/Tube
SF1605G
16.0 A
300
125
1.300
50/Tube
SF1606G
16.0 A
400
125
1.300
5.0
5.0
5.0
5.0
5.0
5.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
10.0
5.0
5.0
5.0
5.0
5.0
5.0
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
35
50/Tube
DO-201AD
TO-220A
TO-220
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Part No. - SF64

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF64 WTE-SF64 Datasheet
50Kb / 3P
6.0A SUPER-FAST RECTIFIER
logo
Jinan Gude Electronic D...
SF64 JGD-SF64 Datasheet
165Kb / 2P
6.0 AMPS. SUPER FAST RECTIFIERS
logo
Bytes
SF64 BYTES-SF64 Datasheet
160Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
logo
Diodes Incorporated
SF64 DIODES-SF64 Datasheet
59Kb / 2P
6.0A SUPER-FAST RECOVERY RECTIFIER
DS24004 Rev. D-3
logo
Formosa MS
SF64 FORMOSA-SF64 Datasheet
36Kb / 2P
6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF64

ManufacturerPart #DatasheetDescription
logo
RFE international
1N746A RFE-1N746A Datasheet
72Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
1N4728A RFE-1N4728A Datasheet
63Kb / 1P
LEADED (THRU-HOLE) Zener Diodes
10A05 RFE-10A05 Datasheet
95Kb / 1P
LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
GP02-25 RFE-GP02-25 Datasheet
78Kb / 1P
LEADED (THRU-HOLE) High Voltage Rectifiers
HER101 RFE-HER101 Datasheet
101Kb / 1P
LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
logo
Formosa MS
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
Axial Leaded Super Fast Rectifiers
SF21G FORMOSA-SF21G Datasheet
104Kb / 6P
Axial Leaded Super Fast Rectifiers
SF51G FORMOSA-SF51G Datasheet
122Kb / 6P
Axial Leaded Super Fast Rectifiers
SF21 FORMOSA-SF21_17 Datasheet
152Kb / 6P
Axial Leaded Super Fast Rectifiers
SF51 FORMOSA-SF51_17 Datasheet
119Kb / 6P
Axial Leaded Super Fast Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com