Electronic Components Datasheet Search
  English  ▼

X  

VT73227 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VT73227
Description  VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT73227 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VT73227 Datasheet HTML 1Page - Vaishali Semiconductor VT73227 Datasheet HTML 2Page - Vaishali Semiconductor VT73227 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VT73227
2001-04-02
Page
2
MDST-0006-03
Vaishali Semiconductor
1300 White Oaks Road, Ste. 200
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Figure 2. Pin Configuration
Table 1. Pin Description
Name
Pin #
Type
Description
X1
1
Xi
Crystal connection. Connect to a 27 MHz pullable crystal
VDD1
2
P
Core VDD. Connect to 3.3V
VIN
3
I
Voltage input to VCXO. Zero to 3.3V signal controls the frequency of the VCXO.
GND2
4
P
Connect to ground.
CLK
5
O
Clock output
VDD2
6
P
Pad driver VDD . Connect to 3.3V
GND1
7
P
Connect to ground.
X2
8
Xi
Crystal connection. Connect to a 27 MHz pullable crystal.
Legend: I = Input
O = Output
P = Power supply connection
Xi = Crystal connections.
Table 2. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Supply voltage, VDD
Referenced to GND
7
V
Inputs and Clock Outputs
Referenced to GND
-0.5
VDD+0.5
V
Soldering Temperature
Max of 10 seconds
260
°C
Storage temperature
-65
150
°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
ratings are stress specifications only and correct functional operation of the device at these or any other conditions
above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.
Table 3. Operating Conditions
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage, VDD
3.15
3.3
3.45
V
Input High Voltage, VIH, X1 pin only
2.5
V
Input Low Voltage, VIL, X1 pin only
0.4
V
Operating Temperature
0
70
°C
Input crystal accuracy
±30
ppm
VCXO control voltage, VIN
0
3.3
V
X1
X2
VDD1
VDD2
VIN
GND2
GND1
CLK
VT73227
8 pin (150 mil) SOIC
2
3
4
5
6
7
8
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com