Electronic Components Datasheet Search
  English  ▼

X  

VT73LVP10 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # VT73LVP10
Description  TTL to Differential LVPECL Translator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT73LVP10 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  VT73LVP10 Datasheet HTML 1Page - Vaishali Semiconductor VT73LVP10 Datasheet HTML 2Page - Vaishali Semiconductor VT73LVP10 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VT73LVP10
Preliminary
2002-01-15
Page
2
MDST-0014-06
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 1. Pin Description
Name
Description
Type
Pin #
/EN
CMOS/TTL Active LOW enable input, with pull-down resistor
I
4*
Q
PECL data output
O
2
QN
PECL complementary data output
O
3
VDD
Connect to 3.3V
P
8
D
CMOS/TTL data input
I
7
GND
Connect to ground
P
5
Legend: I = Input
O = Output
P = Power supply connection
* = Internal 100k
Ω pull-down resistor
Table 2. Absolute Maximum Ratings
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Supply voltage
Referenced to GND
6
V
VIN
Input voltage
Referenced to GND
-0.5
6
V
IOUT
Output current in LOW state
50
mA
TSTG
Storage temperature
-65
150
oC
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress
specifications only and correct functional operation of the device at these or any other conditions above those listed in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product
reliability.
Table 3. Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VDD
Power Supply Voltage
3.0
3.6
V
TA
Ambient Temperature
-40
85
oC
VIH
Input HIGH Voltage
D, /EN inputs
2.0
V
VIL
Input LOW Voltage
D, /EN inputs
0.8
V
tRin
Input slew rate
10% to 90% (L
→ H)
1
V/ns
tFin
Input slew rate
90% to 10% (H
→ L)
1
V/ns



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com