Electronic Components Datasheet Search
  English  ▼

X  

KBJ15005 Datasheet(PDF) 1 Page - RFE international

Part # KBJ15005
Description  BRIDGE RECTIFIERS 10 Amps
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

KBJ15005 Datasheet(HTML) 1 Page - RFE international

  KBJ15005 Datasheet HTML 1Page - RFE international KBJ15005 Datasheet HTML 2Page - RFE international KBJ15005 Datasheet HTML 3Page - RFE international KBJ15005 Datasheet HTML 4Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BRIDGE RECTIFIERS
10 Amps
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
µ
Peak Repetitive
Reverse Voltage
Max Avg
Rectified
Current
Max. Peak
Fwd Surge
Current
Max Reverse
Current
VRRM
IO
IFSM
IR@VR
V
A
A
V
A
A
KBU10005
50
10.0
300
10.0
5.0
10
KBU1001
100
10.0
300
10.0
5.0
10
KBU1002
200
10.0
300
10.0
5.0
10
KBU1004
400
10.0
300
10.0
5.0
10
KBU1006
600
10.0
300
10.0
5.0
10
KBU1008
800
10.0
300
10.0
5.0
10
KBU1010
1000
10.0
300
10.0
5.0
10
GBU10005
50
10.0
220
10.0
5.0
10
GBU1001
100
10.0
220
10.0
5.0
10
GBU1002
200
10.0
220
10.0
5.0
10
GBU1004
400
10.0
220
10.0
5.0
10
GBU1006
600
10.0
220
10.0
5.0
10
GBU1008
800
10.0
220
10.0
5.0
10
GBU1010
1000
10.0
220
10.0
5.0
10
GBJ10005
50
10.0
220
10.0
5.0
10
GBJ1001
100
10.0
220
10.0
5.0
10
GBJ1002
200
10.0
220
10.0
5.0
10
GBJ1004
400
10.0
220
10.0
5.0
10
GBJ1006
600
10.0
220
10.0
5.0
10
GBJ1008
800
10.0
220
10.0
5.0
10
GBJ1008
800
10.0
220
10.0
5.0
10
KBJ1005
50
10.0
220
10.0
5.0
10
KBJ1001
100
10.0
220
10.0
5.0
10
KBJ1002
200
10.0
220
10.0
5.0
10
KBJ1004
400
10.0
220
10.0
5.0
10
KBJ1006
600
10.0
220
10.0
5.0
10
KBJ1008
800
10.0
220
10.0
5.0
10
KBJ1010
1000
10.0
220
10.0
5.0
10
BR1005
50
10.0
200
10.0
5.0
10
BR101
100
10.0
200
10.0
5.0
10
BR102
200
10.0
200
10.0
5.0
10
BR104
400
10.0
200
10.0
5.0
10
BR106
600
10.0
200
10.0
5.0
10
BR108
800
10.0
200
10.0
5.0
10
BR1010
1000
10.0
200
10.0
5.0
10
KBPC1005
50
10.0
300
10.0
5.0
10
KBPC1001
100
10.0
300
10.0
5.0
10
KBPC1002
200
10.0
300
10.0
5.0
10
KBPC1004
400
10.0
300
10.0
5.0
10
KBPC1006
600
10.0
300
10.0
5.0
10
KBPC1008
800
10.0
300
10.0
5.0
10
KBPC1010
1000
10.0
300
10.0
5.0
10
KBPC1005W
50
10.0
300
10.0
5.0
10
KBPC1001W
100
10.0
300
10.0
5.0
10
KBPC1002W
200
10.0
300
10.0
5.0
10
KBPC1004W
400
10.0
300
10.0
5.0
10
KBPC1006W
600
10.0
300
10.0
5.0
10
KBPC1008W
800
10.0
300
10.0
5.0
10
KBPC1010W
1000
10.0
300
10.0
5.0
10
10.0 AMP Single-Phase Bridge Rectifiers
GBJ
BR8
KBU
KBPC
KBPCW
GBU
KBJ
RFE Part
Number
Forward
Voltage
Drop
Package
Outline
(Typical Size in inches)
VF@IF
GBJ
GBU
KBJ
KBPCW
BR8
KBPC
KBU
C3D03S
REV 2009.12.21


Similar Part No. - KBJ15005

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
KBJ15005 CHENDA-KBJ15005 Datasheet
905Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBJ15005 DGNJDZ-KBJ15005 Datasheet
445Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
KBJ15005 YFWDIODE-KBJ15005 Datasheet
634Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
KBJ15005 SECOS-KBJ15005 Datasheet
312Kb / 2P
Voltage 50V ~ 1000V 15Amp Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
KBJ15005 ZSELEC-KBJ15005 Datasheet
81Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - KBJ15005

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBPC1000 JGD-KBPC1000 Datasheet
124Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
KBU1000 JGD-KBU1000 Datasheet
134Kb / 2P
SINGLE PHASE 10 AMPS. SILICON BRIDGE RECTIFIERS
KBU1000G JGD-KBU1000G Datasheet
131Kb / 2P
SINGLE PHASE 10 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
SB101 TSC-SB101 Datasheet
71Kb / 2P
Single Phase 10 AMPS. Silicon Bridge Rectifiers
KBU1001 TSC-KBU1001 Datasheet
55Kb / 2P
Single Phase 10 AMPS. Silicon Bridge Rectifiers
KBU1001 TSC-KBU1001_1 Datasheet
168Kb / 2P
Single Phase 10 AMPS. Silicon Bridge Rectifiers
KBU1001G TSC-KBU1001G Datasheet
168Kb / 2P
Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
KBU1001G TSC-KBU1001G_1 Datasheet
53Kb / 2P
Single Phase 10 AMPS. Glass Passivated Bridge Rectifiers
logo
Edal Industries, Inc.
BR800 EDAL-BR800 Datasheet
68Kb / 1P
Silicon Bridge Rectifiers 8 Amps to 10 Amps
logo
Nanjing International G...
GBJ10005 DGNJDZ-GBJ10005 Datasheet
95Kb / 2P
SINGLE PHASE 10 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com