Electronic Components Datasheet Search
  English  ▼

X  

SXJ Datasheet(PDF) 1 Page - RFE international

Part # SXJ
Description  ALUMINUM ELECTROLYTIC CAPACITORS SXJ Series: Low Impedance, Miniature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SXJ Datasheet(HTML) 1 Page - RFE international

  SXJ Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1CD14
3.13.2007
ALUMINUM ELECTROLYTIC CAPACITORS
SXJ Series: Low Impedance, Miniature
FEATURES
• 105°C, 1,000 hours assured.
• Low Impedance with 5 ~ 7mm height
• RoHS Compliant
SPECIFICATIONS
PAD SPACING AND DIAMETER
DIMENSION & PERMISSIBLE RIPPLE CURRENT
Dimension: äD x L (mm)
Ripple Current mA/rms at 100 Hz, 105°C
Impedance: ¿/100Hz, 20°C
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
Items
Operating Temperature Range
Capacitance Tolerance
Leakage Current (at 20 C)
Dissipation Factor (Tan ÿ´at 120Hz, 20 C)
Rated
Voltage
6.3
10
16
25
Tax (max)
0.25
0.20
0.17
0.15
Low Temperature
Characteristics (at 120Hz)
6.3
10
16
25
35
2
2
2
2
2
4
4
4
4
4
Load Life Test
Less than 200% of specified value
Shelf Life Test
Ripple Current & Frequency Multipliers
Multiplier
0.35
0.5
0.64
0.83
1.0
Standards
I = 0.01CV or 3 ( A) whichever is greater (after 2 minutes)
Where, C= rated capacitance in F.
V= rated DC working voltage in V.
-55 C ~ +105 C
+20% (at 120Hz, 20 C)
* The above specifications shall be satisfied when the capacitors are restored to 20
C after the rated voltage applied for 1,000 hrs at 105 C.
50
120
300
1K
10K up
Within +20% of initial value
1,000 Hrs
Within specified value
Capacitance Change
Dissipation Factor
Leakage Current
Test Time
Z(-40 C)/Z(+20 C)
Z (-25 C)/Z(+20 C)
Impedance
Ratio
Rated Voltage
Impedance ratio shall not exceed the values given in the table below.
Performance
JIS C 5101-1
Test Time: 500 hrs; other items are the same as those for the load life test
Cap. (µF)
Freq. (Hz)
ä
D
D
8
L
5
7
5
7
5
7
7
P
3.5
d
0.45 0.50 0.45 0.50 0.45 0.50 0.50
1.0
0.5
1.5
2.0
2.5
4
5
6.3
ä
D
ß
a
µF
Contents
V.DC
mA
Imp.
mA Imp.
mA Imp.
mA Imp.
mA Imp.
4 x 7
70
3.3
4 x 5
50
5.0
4 x 7
70
3.3
5 x 7
110
1.7
5 x 5
80
2.6
5 x 5
80
2.6
4 x 7
70
3.3
5 x 7
110
1.7
5 x 7
160
0.8
6.3 x 7
160
0.8
5 x 5
80
2.6
5 x 5
80
2.6
6.3 x 5
115
1.3
6.3 x 5
115
1.3
5 x 7
110
1.7
5 x 7
110
1.7
6.3 x 7
160
0.8
6.3 x 7
160
0.8
8 x 7
200
0.5
5 x 5
80
2.6
5 x 5
80
2.6
6.3 x 5
115
1.3
6.3 x 5
115
1.3
5 x 7
110
1.7
6.3 x 7
160
0.8
6.3 x 7
160
0.8
8 x 7
200
0.5
5 x 5
80
2.6
6.3 x 5
115
1.3
6.3 x 5
115
1.3
6.3 x 7
160
0.8
8 x 7
200
0.5
8 x 7
200
0.5
6.3 x 5
115
1.3
150
8 x 7
200
0.5
8 x 7
200
0.5
220
8 x 7
200
0.5
47
100
D x L
6.3V (0J)
D x L
D x L
4.7
10
22
33
35V (1V)
D x L
D x L
10V (1A)
16V (1C)
25V (1E)
4 x
5
4
50
5
5
x
50
5


Similar Part No. - SXJ

ManufacturerPart #DatasheetDescription
logo
Surge Components
SXJ SURGE-SXJ Datasheet
483Kb / 1P
rohs compliance
More results

Similar Description - SXJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150RMI VISHAY-150RMI Datasheet
226Kb / 7P
Aluminum Capacitors Radial Miniature, Low Impedance
16-Nov-05
logo
Cornell Dubilier Electr...
AVEZ226M06B12T-F CDE-AVEZ226M06B12T-F Datasheet
138Kb / 3P
Low Impedance SMT Aluminum Electrolytic Capacitors
logo
Vishay Siliconix
150RMI VISHAY-150RMI_07 Datasheet
115Kb / 8P
Aluminum Capacitors Radial Miniature, Low Impedance
29-Oct-07
150RMI VISHAY-150RMI_12 Datasheet
114Kb / 8P
Aluminum Capacitors Radial Miniature, Low Impedance
10-Oct-12
150RMI VISHAY-150RMI_16 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
250RMI-V VISHAY-250RMI-V Datasheet
120Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
20-Mar-17
170RVZ VISHAY-170RVZ Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
27-Mar-2020
150RMI VISHAY-150RMI_V01 Datasheet
124Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
06-Oct-16
170RVZ VISHAY-170RVZ_V01 Datasheet
126Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance
27-Mar-2020
250RMI-V VISHAY-250RMI-V_V01 Datasheet
117Kb / 8P
Aluminum Electrolytic Capacitors Radial Miniature, Low Impedance, High Vibration Capability
27-Apr-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com