Electronic Components Datasheet Search
  English  ▼

X  

VT83205 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # VT83205
Description  3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VT83205 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  VT83205 Datasheet HTML 1Page - Vaishali Semiconductor VT83205 Datasheet HTML 2Page - Vaishali Semiconductor VT83205 Datasheet HTML 3Page - Vaishali Semiconductor VT83205 Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2001-03-08
Page
1
MDST-0001-01
www.vaishali.com
Vaishali Semiconductor
1300 White Oaks Road, Ste. 200
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Applications
•= Telecom switching
•= Set-top boxes
•= HDTV
•= MPEG Video clock source
General Description
The Vaishali VT83205 is a single-chip, integrated VCXO and Phase Locked Loop (PLL) clock synthesizer.
The device uses the VCXO and an analog Phase-Locked Loop (PLL) to accept a 10 MHz to 14.318 MHz,
30pF (pull range of 200 ppm) crystal input, in order to produce either one or two output clocks. A 0 to 3V
control signal is used to fine tune the output clock frequency in the ±100ppm range. Select inputs SO:S2
are used for frequency and output selection.
Features
•= 3.3V supply operation
•= Packaged in 16-pin SOIC & QSOP packages.
•= Replaces separate VCXO and multiplier
•= Uses inexpensive pullable crystal
•= On-chip VCXO with 200 ppm pull range (±100
ppm)
•= 5V-tolerant control inputs
•= Zero ppm synthesis error in both clocks
VT83205
3.3V Low Phase Noise VCXO
(Voltage-Controlled Crystal Oscillator)
and PLL Clock Synthesizer
Figure 1. Functional Block Diagram
CLK1
CLK2
VDD1
VDD2
X2
Load Cap Control
Low
Phase
Noise
PLL
Output
Buffer
Output
Buffer
osc
Load
Caps
OE
10-14 MHz
Pullable
Crystal
S2:S0
VIN
X1


Similar Part No. - VT83205

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT83201 VAISH-VT83201 Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201/D VAISH-VT83201/D Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201/DW VAISH-VT83201/DW Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201S1 VAISH-VT83201S1 Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
VT83201S1X VAISH-VT83201S1X Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
More results

Similar Description - VT83205

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VT73227 VAISH-VT73227 Datasheet
67Kb / 3P
VCXO (Voltage-Controlled Crystal Oscillator) 27 MHz 3.3V
VT83027 VAISH-VT83027 Datasheet
70Kb / 3P
27MHz, 3.3V VCXO (Voltage-Controlled Crystal Oscillator)
VT83201 VAISH-VT83201 Datasheet
45Kb / 4P
3.3V Low Phase Noise VCXO Voltage-Controlled Crystal Oscillator and PLL Clock Synthesizer
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVHD-952 CRYSTEKCRYSTAL-CVHD-952 Datasheet
161Kb / 1P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC Datasheet
325Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator(VCXO)
logo
Crystek Corporation
CVPD-952 CRYSTEKCRYSTAL-CVPD-952_17 Datasheet
306Kb / 2P
Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV5032SC NDK-NV5032SC_18 Datasheet
634Kb / 1P
Low Phase Noise Type Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com