Electronic Components Datasheet Search
  English  ▼

X  

TC005-252 Datasheet(PDF) 2 Page - RFE international

Part # TC005-252
Description  TEMPERATURE COMPENSATING THERMISTORS TC Series: Radial Leaded
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

TC005-252 Datasheet(HTML) 2 Page - RFE international

  TC005-252 Datasheet HTML 1Page - RFE international TC005-252 Datasheet HTML 2Page - RFE international TC005-252 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEMPERATURE COMPENSATING THERMISTORS
TC Series: Radial Leaded
C6A03
REV 2004.11.15
1000
1000
10
0.1
0.01
-30 -20 -10
0
10
20 30 40 50 60 70 80 90 100 110120 130140150
1
TEMPERATURE (¢J
)
RESISTANCE - TEMPERATURE
CURVE OF TC SERIES
TC005-102
TC005-10
4
TC005-50
3
TC005-20
3
TC005-40
3
TC005-153
TC005-103
TC005-682
TC005-502
TC005-402
TC005-302
TC005-202
TC005-152
R-T CHARACTERISTIC CURVE
TEMPERATURE (¢J
)
500
200
100
50
20
10
5
2
1
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500 1000
2000
5000 10000
CURRENT (mA)
0.1W
0.2W
2M
W
1M
W
500K
W
0.5W
1W
2W
100K
W
50K
W
5W
200K
W
10W
20K
W
20W
10K
W
50W
5K
W
2K
W
1K
W
500
W
200
W
100
W
0.05W
1000
TC0
05-
104
TC0
05-
503
TC0
05-
203
TC0
05-
403
TC00
5-15
3
TC0
05-1
03
TC0
05-6
82
TC0
05-5
02
TC0
05-4
02
TC0
05-3
02
TC0
05-2
02
TC0
05-1
52
TC0
05-1
02
V-I CHARACTERISTIC CURVE
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com